Electronic Components Datasheet Search
  English  ▼

X  

FT29F010B Datasheet(PDF) 29 Page - Force Technologies Ltd

Part # FT29F010B
Description  1 Megabit (128 K x 8-bit) Uniform Sector Flash Memory CMOS 5.0 Volt-only
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT29F010B Datasheet(HTML) 29 Page - Force Technologies Ltd

Back Button FT29F010B Datasheet HTML 22Page - Force Technologies Ltd FT29F010B Datasheet HTML 23Page - Force Technologies Ltd FT29F010B Datasheet HTML 24Page - Force Technologies Ltd FT29F010B Datasheet HTML 25Page - Force Technologies Ltd FT29F010B Datasheet HTML 26Page - Force Technologies Ltd FT29F010B Datasheet HTML 27Page - Force Technologies Ltd FT29F010B Datasheet HTML 28Page - Force Technologies Ltd FT29F010B Datasheet HTML 29Page - Force Technologies Ltd FT29F010B Datasheet HTML 30Page - Force Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
ORDERING INFORMATION
Standard Products
FT standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of the elements below.
FT29F010
B
X
XX MB
TEMPERATURE RANGE
C
=
Commercial (0°C to +70°C)
I
=
Industrial (–40°C to +85°C)
M
=
Military (–55°C to +125°C)
MB
=
Mil-Std-883 M5004
-S
=
Spansion die
LF
=
Lead Free
PACKAGE TYPE
F
= 32-Pin FP
FF
= 32-Pin FP Formed leads
L
= 32-Pin LCC
D
= 32-Pin CDIL
SPEED OPTION
90nS 120nS
DEVICE NUMBER/DESCRIPTION
FT29F010B
1 Megabit (128 K x 8-Bit) CMOS Flash Memory
5.0 Volt-only Read, Program, and Erase
E
= 32-Pin Thin Small Outline Package (TSOP) Standard Pinout
Rev 2
29/30
2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com