Electronic Components Datasheet Search
  English  ▼

X  

FPF1048 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FPF1048
Description  3 A-Capable, Slew-Rate-Controlled Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF1048 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FPF1048 Datasheet HTML 3Page - ON Semiconductor FPF1048 Datasheet HTML 4Page - ON Semiconductor FPF1048 Datasheet HTML 5Page - ON Semiconductor FPF1048 Datasheet HTML 6Page - ON Semiconductor FPF1048 Datasheet HTML 7Page - ON Semiconductor FPF1048 Datasheet HTML 8Page - ON Semiconductor FPF1048 Datasheet HTML 9Page - ON Semiconductor FPF1048 Datasheet HTML 10Page - ON Semiconductor FPF1048 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF1048
• Rev. 1.8
6
Typical Characteristics
Figure 6.
Supply Current vs. Temperature
Figure 7.
Supply Current vs. Supply Voltage
Figure 8.
Shutdown Current vs. Temperature
Figure 9.
Shutdown Current vs. Supply Voltage
Figure 10.
RON vs. Temperature
Figure 11.
RON vs. Supply Voltage
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
-40
-25
-10
5
20
35
50
65
80
TJ, JUNCTION TEMPERATURE (°C)
ON = VIN
VIN = 5.5V
VIN = 1.5V
VIN = 4.5V
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
25 C
85 C
-40 C
ON = VIN
-5.00
-3.00
-1.00
1.00
3.00
5.00
7.00
9.00
-40
-25
-10
5
20
35
50
65
80
TJ, JUNCTION TEMPERATURE (°C)
ON = 0V
VIN = 5.5V
VIN = 1.5V
-0.50
0.00
0.50
1.00
1.50
2.00
2.50
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
ON = 0V
25 C
85 C
-40 C
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
-40
-25
-10
5
20
35
50
65
80
TJ, JUNCTION TEMPERATURE (°C)
ON = VIN
VIN = 1.5V, IOUT = 250mA
VIN = 3.3V, IOUT = 500mA
VIN = 5.5V, IOUT = 1A
VIN = 1.8V, IOUT = 250mA
0
10
20
30
40
50
60
70
80
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
25 C
85 C
-40 C
ON = VIN
IOUT = 250mA @ VIN = 1.5-1.8V
IOUT = 500mA @ VIN = 2.5-3.3V
IOUT = 1A @ VIN = 4.0-5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com