Electronic Components Datasheet Search
  English  ▼

X  

FPF1048 Datasheet(PDF) 12 Page - ON Semiconductor

Part # FPF1048
Description  3 A-Capable, Slew-Rate-Controlled Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF1048 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FPF1048 Datasheet HTML 6Page - ON Semiconductor FPF1048 Datasheet HTML 7Page - ON Semiconductor FPF1048 Datasheet HTML 8Page - ON Semiconductor FPF1048 Datasheet HTML 9Page - ON Semiconductor FPF1048 Datasheet HTML 10Page - ON Semiconductor FPF1048 Datasheet HTML 11Page - ON Semiconductor FPF1048 Datasheet HTML 12Page - ON Semiconductor FPF1048 Datasheet HTML 13Page - ON Semiconductor FPF1048 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF1048
• Rev. 1.8
11
Physical Dimensions
Figure 29.
6-Ball WLCSP, 2x3 Array, 0.5 mm Pitch, 300 µm Ball
Product-Specific Dimensions
Product
D
E
X
Y
FPF1048BUCX
1460 µm ±30 µm
960 µm ±30 µm
230 µm
230 µm
BOTTOM VIEW
SIDE VIEWS
RECOMMENDED LAND PATTERN
BALL A1
INDEX AREA
SEATING PLANE
A1
F
(NSMD PAD TYPE)
(Ø0.350)
SOLDER MASK
OPENING
(X) ±0.018
(Y) ±0.018
(Ø0.250)
Cu Pad
0.06 C
0.05 C
E
D
F
NOTES:
A. NO JEDEC REGISTRATION APPLIES.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCE
PER ASMEY14.5M, 1994.
D. DATUM C IS DEFINED BY THE SPHERICAL
CROWNS OF THE BALLS.
E. PACKAGE NOMINAL HEIGHT IS 582 MICRONS
±43 MICRONS (539-625 MICRONS).
F. FOR DIMENSIONS D, E, X, AND Y SEE
PRODUCT DATASHEET.
G. DRAWING FILNAME: MKT-UC006AFrev2.
0.03 C
2X
0.03 C
2X
Ø0.315 +/- .025
6X
1 2
A
B
C
0.332±0.018
0.250±0.025
D
E
(1.00)
(0.50)
0.005
C A B
0.50
0.50
1.00
0.625
0.539
TOP VIEW
B
A
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com