Electronic Components Datasheet Search
  English  ▼

X  

FPF1048 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FPF1048
Description  3 A-Capable, Slew-Rate-Controlled Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF1048 Datasheet(HTML) 2 Page - ON Semiconductor

  FPF1048 Datasheet HTML 1Page - ON Semiconductor FPF1048 Datasheet HTML 2Page - ON Semiconductor FPF1048 Datasheet HTML 3Page - ON Semiconductor FPF1048 Datasheet HTML 4Page - ON Semiconductor FPF1048 Datasheet HTML 5Page - ON Semiconductor FPF1048 Datasheet HTML 6Page - ON Semiconductor FPF1048 Datasheet HTML 7Page - ON Semiconductor FPF1048 Datasheet HTML 8Page - ON Semiconductor FPF1048 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
April 2015
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF1048
• Rev. 1.8
FPF1048
IntelliMAX
™ 3 A-Capable, Slew-Rate-Controlled Load Switch
with True Reverse Current Blocking
Features
Input Voltage Operating Range: 1.5 V to 5.5 V
Typical R
DS(ON):
-
21 m
Ω at VIN=5.5 V
-
23 m
Ω at VIN=4.5 V
-
41 m
Ω at VIN=1.8 V
-
90 m
Ω at VIN=1.5 V
Slew Rate/Inrush Control with t
R: 2.7 ms (Typ.)
3 A Maximum Continuous Current Capability
Low Off Switch Current: <1 µA
True Reverse Current Blocking (TRCB)
Logic CMOS IO Meets JESD76 Standard for GPIO
Interface and Related Power Supply Requirements
ESD Protected:
-
Human Body Model: >8 kV
-
Charged Device Model: >1.5 kV
-
IEC 61000-4-2 Air Discharge: >15 kV
-
IEC 61000-4-2 Contact Discharge: >8 kV
Applications
Smart Phones, Tablet PCs
Storage, DSLR, and Portable Devices
Description
The FPF1048 advanced load management switch
targets
applications
requiring
a
highly
integrated
solution. It disconnects loads powered from the DC
power rail (<6 V) with stringent off-state current targets
and high load capacitances (up to 100 µF). The
FPF1048
consists
of
slew-rate
controlled
low-
impedance MOSFET
switch
(23
mΩ typical) and
integrated analog features. The slew-rate controlled
turn-on characteristic prevents inrush current and the
resulting excessive voltage droop on power rails.
The FPF1048 has a True Reverse Current Blocking
(TRCB) function that obstructs unwanted reverse
current from VOUT to VIN during both ON and OFF states.
The exceptionally low off-state current drain (<1µA
maximum) facilitates compliance with standby power
requirements. The input voltage range operates from
1.5 V to 5.5 VDC to support a wide range of applications
in consumer, optical, medical, storage, portable, and
industrial-device power management. Switch control is
managed by a logic input (active HIGH) capable of
interfacing directly with low-voltage control signal /
General-Purpose Input / Output (GPIO) without an
external pull-down resistor.
The
device is packaged in advanced, fully “green”
compliant, 1.0 mm x 1.5 mm, Wafer-Level Chip-Scale
Package (WLCSP) with backside lamination.
Ordering Information
Part Number
Top
Mark
Switch RON
(Typical)
at 4.5VIN
Input
Buffer
Output
Discharge
ON Pin
Activity
tR
Package
FPF1048BUCX
RA
23 m
Ω
CMOS
NA
Active
HIGH
2.7 ms
6-Ball, WLCSP with
Backside Laminate, 2x3 Array,
0.5 mm Pitch, 300 µm Balls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com