Electronic Components Datasheet Search
  English  ▼

X  

FPF1048 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FPF1048
Description  3 A-Capable, Slew-Rate-Controlled Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF1048 Datasheet(HTML) 3 Page - ON Semiconductor

  FPF1048 Datasheet HTML 1Page - ON Semiconductor FPF1048 Datasheet HTML 2Page - ON Semiconductor FPF1048 Datasheet HTML 3Page - ON Semiconductor FPF1048 Datasheet HTML 4Page - ON Semiconductor FPF1048 Datasheet HTML 5Page - ON Semiconductor FPF1048 Datasheet HTML 6Page - ON Semiconductor FPF1048 Datasheet HTML 7Page - ON Semiconductor FPF1048 Datasheet HTML 8Page - ON Semiconductor FPF1048 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF1048
• Rev. 1.8
2
Application Diagram
FPF1048
VIN
VOUT
ON
GND
1.5~5.5V
COUT
CIN
+
ON
OFF
Figure 1.
General Application
FPF1048
VIN
VOUT
ON
GND
+
CIN
1µF~22µF
COUT
0.1µF~100µF
VIN=5V
RPU
10M
Ω
RPD
NC
RIN
ROUT
(optional)
Figure 2.
Specific Application with 10 M
Ω Pull-Up Resistor at ON Pin
Notes:
1.
Turn-on operation with a 10 M
Ω pull-up resistor at ON pin is acceptable.
2.
VIN should be high enough to generate VON greater than VIH at the ON pin.
3.
NC means no connection.
4.
RIN and ROUT can be added to reduce transient peak voltage. 1
Ω~10 Ω is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com