Electronic Components Datasheet Search
  English  ▼

X  

PWR-8FS Datasheet(PDF) 1 Page - Mini-Circuits

Part # PWR-8FS
Description  USB Smart Power Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PWR-8FS Datasheet(HTML) 1 Page - Mini-Circuits

  PWR-8FS Datasheet HTML 1Page - Mini-Circuits PWR-8FS Datasheet HTML 2Page - Mini-Circuits PWR-8FS Datasheet HTML 3Page - Mini-Circuits PWR-8FS Datasheet HTML 4Page - Mini-Circuits PWR-8FS Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PWR-8FS
USB Smart Power Sensor
50Ω
-30 dBm to +20 dBm, 1 MHz to 8000 MHz
The Big Deal
• Fast measurement speed, 10 msec
• USB HID device compatible with
32/64 Bit operating systems
• Includes “Measurement Application” GUI
(Graphical User Interface) software with an
API-DLL com object
• High speed measurement capability
Key Features
Feature
Advantages
Fast measurement speed
(10 msec typical)
Reduces the time needed to perform measurements, and allows the power sensor to be included in
fast automated test setups.
USB HID (Human Interface Device)
Plug-and-Play (no need to install driver for the device).
GUI Measurement Application
Software built-in
Enables the user to perform measurements on RF components such as Couplers, Filters, Amplifiers
etc. and displays numerical data and graphs.
32/64 Bit operating systems
Compatible with Windows® and Linux® operating systems.
No calibration required before taking
measurement
The PWR-8FS does not require any reference signal for calibration.
CASE STYLE: JL1504
Software Package
Product Overview
The Mini-Circuits PWR-8FS Smart Power Sensor is a pocket-sized, 4.89” x 1.74” x 0.95”, precision test USB HID
device (no driver installation required) that turns a Windows® or Linux® PC into a power meter. All specifications
provided in the data sheet apply to continuous wave (CW) signals. Each unit is shipped with our N-to-SMA adapter
and a quick-locking USB cable for reliable connectivity. Native software and detailed user guides are available for
download from
http://www.minicircuits.com/softwaredownload/pm.html anywhere an internet connection is
available, providing a full range of data analysis options.
Trademarks: Windows is a registered trademark of Microsoft Corporation in the United States and other countries. Linux is a registered trademark of Linus
Torvalds. Pentium is a registered trademark of Intel Corporation. Neither Mini-Circuits nor the Mini-Circuits PWR-series power sensors are affiliated with or endorsed
by the owners of the above referenced trademarks
Mini-Circuits and the Mini-Circuits logo are registered trademarks of Scientific Components Corporation.


Similar Part No. - PWR-8FS

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
PWR-861-AC-RED ARISTA-PWR-861-AC-RED Datasheet
4Mb / 9P
AWE-7200R Routers
September 25, 2024
PWR-861-AC-RED ARISTA-PWR-861-AC-RED Datasheet
6Mb / 9P
ZTX Traffic Mapper For MSS
Oct 21, 2024
logo
Mini-Circuits
PWR-8GHS MINI-PWR-8GHS Datasheet
361Kb / 1P
USB Smart Power Sensor
PWR-8GHS+ MINI-PWR-8GHS+ Datasheet
361Kb / 1P
USB Smart Power Sensor
PWR-8GHS-RC MINI-PWR-8GHS-RC Datasheet
1,001Kb / 6P
Smart Power Sensor
More results

Similar Description - PWR-8FS

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PWR-2GHS-75 MINI-PWR-2GHS-75 Datasheet
744Kb / 5P
USB Smart Power Sensor
PWR-6GHS MINI-PWR-6GHS Datasheet
392Kb / 1P
USB Smart Power Sensor
PWR-8GHS MINI-PWR-8GHS Datasheet
361Kb / 1P
USB Smart Power Sensor
PWR-2.5GHS-75 MINI-PWR-2.5GHS-75 Datasheet
646Kb / 5P
USB Smart Power Sensor
PWR-4GHS MINI-PWR-4GHS Datasheet
569Kb / 5P
USB Smart Power Sensor
PWR-4RMS MINI-PWR-4RMS Datasheet
644Kb / 8P
USB Smart Power Sensor
PWR-6LGHS MINI-PWR-6LGHS Datasheet
635Kb / 5P
USB Smart Power Sensor
PWR-8GHS-RC MINI-PWR-8GHS-RC Datasheet
1,001Kb / 6P
Smart Power Sensor
PWR-8P-RC MINI-PWR-8P-RC Datasheet
1,004Kb / 6P
Smart Power Sensor
PWR-8PW-RC MINI-PWR-8PW-RC Datasheet
2Mb / 11P
Smart Power Sensor
Rev. OR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com