Electronic Components Datasheet Search
  English  ▼

X  

PWR-8FS Datasheet(PDF) 3 Page - Mini-Circuits

Part # PWR-8FS
Description  USB Smart Power Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PWR-8FS Datasheet(HTML) 3 Page - Mini-Circuits

  PWR-8FS Datasheet HTML 1Page - Mini-Circuits PWR-8FS Datasheet HTML 2Page - Mini-Circuits PWR-8FS Datasheet HTML 3Page - Mini-Circuits PWR-8FS Datasheet HTML 4Page - Mini-Circuits PWR-8FS Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PWR-8FS
USB Smart Power Sensor
Parameter
Freq. Range
(MHz)
Min.
Typ.
Max.
Units
Dynamic Range 2
1 - 8000
-30
-
+20
dBm
VSWR
1 - 8000
-
1.1
1.3
:1
Uncertainty of
Power
Measurement
@ 25ºC
@ -30 to -20 dBm
Low noise mode 3,4
1 - 3000
-
± 0.10
± 0.30
dB
3000 - 8000
-
± 0.15
± 0.40
dB
@ -20 to +5 dBm
Low noise/Faster/Fastest
modes
1 - 3000
-
± 0.10 / ± 0.10 / ± 0.10 ± 0.30 / ± 0.30 / ± 0.35
dB
3000 - 8000
-
± 0.15 / ± 0.15 / ± 0.15 ± 0.40 / ± 0.40 / ±0.50
dB
@ +5 to +15 dBm
Low noise/Faster/Fastest
modes
1 - 3000
-
± 0.15 / ± 0.15 / ± 0.15 ± 0.30 / ± 0.35 / ±0.35
dB
3000 - 8000
-
± 0.15 / ± 0.15 / ± 0.15 ± 0.40 / ± 0.40 / ±0.40
dB
@ +15 to +20 dBm
Low noise/Faster/Fastest
modes
1 - 3000
-
± 0.15 / ± 0.15 / ± 0.15 ± 0.40 / ± 0.40 / ±0.40
dB
3000 - 8000
-
± 0.20 / ± 0.20 / ± 0.20 ± 0.45 / ± 0.50 / ±0.50
dB
Uncertainty of
Power
Measurement
@ 0ºC to 50ºC
@ -30 to -20 dBm
Low noise mode 3,4
1 - 3000
-
± 0.20
-
dB
3000 - 8000
-
± 0.20
-
dB
@ -20 to +5 dBm
Low noise/Faster/Fastest
modes
1 - 3000
-
± 0.20 / ± 0.20 / ± 0.20
-
dB
3000 - 8000
-
± 0.20 / ± 0.20 / ± 0.20
-
dB
@ +5 to +15 dBm
Low noise/Faster/Fastest
modes
1 - 3000
-
± 0.20 / ± 0.20 / ± 0.20
-
dB
3000 - 8000
-
± 0.20 / ± 0.20 / ± 0.20
-
dB
@ +15 to +20 dBm
Low noise/Faster/Fastest
modes
1 - 3000
-
± 0.20 / ± 0.20 / ± 0.25
-
dB
3000 - 8000
-
± 0.20 / ± 0.20 / ± 0.25
-
dB
Linearity @ 25ºC, Low noise mode
1 - 8000
-
± 3.0
-
%
Measurement Resolution
1 - 8000
0.01
-
-
dB
Averaging Range
1 - 8000
1
-
999
-
Measurement Speed
@ Low Noise Mode
1 - 8000
-
100
-
msec
@ Faster Mode
-
30
-
@ Fastest Mode
-
10
-
Current (via host USB)
1 - 8000
-
40
70
mA
Electrical Specifications (CW) 1, -30 dBm to +20 dBm, 1 to 8000 MHz
Permanent damage may occur if any of these limits are exceeded. Operating in the range between operating
power limits and absolute maximum ratings for extended periods of time may result in reduced life and reliability.
Absolute Maximum Ratings
Parameter
Ratings
Operating Temperature
0°C to 50°C
Storage Temperature
-30°C to 70°C
DC Voltage at RF port
15V
CW Power
+27dBm
Parameter
Requirements
Interface
USB HID
Host operating system
Windows 32/64 Bit operating system: Windows 98®, Windows XP®, Windows Vista®, Windows 7®,
Windows 8® , Windows 10®
Linux ® support: 32/64 Bit operating system
Hardware
Pentium® II or higher, RAM 256 Mb, USB port
Control cable (supplied)
Power sensor to be used with the supplied control cable only
Minimum System Requirements
1 All specifications apply to continuous wave (CW) signals.
2 Maximum continuous safe operational power limit: +23 dBm. Performance is
guaranteed up to +20 dBm.
3 When using Faster mode at high frequencies below -20dBm, use of
averaging is recommended to prevent noise errors.
4 When using Faster mode below -20dBm, accuracy value may increase by up
to 0.2 dB relative to Low noise mode



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com