Electronic Components Datasheet Search
  English  ▼

X  

PWR-8FS Datasheet(PDF) 5 Page - Mini-Circuits

Part # PWR-8FS
Description  USB Smart Power Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PWR-8FS Datasheet(HTML) 5 Page - Mini-Circuits

  PWR-8FS Datasheet HTML 1Page - Mini-Circuits PWR-8FS Datasheet HTML 2Page - Mini-Circuits PWR-8FS Datasheet HTML 3Page - Mini-Circuits PWR-8FS Datasheet HTML 4Page - Mini-Circuits PWR-8FS Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5 of 5
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PWR-8FS
USB Smart Power Sensor
Additional Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this
specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and
measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”);
Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies
thereunder, please visit Mini-Circuits’ website at
www.minicircuits.com/MCLStore/terms.jsp
Ordering Information
Calibration
Description
CALSEN-PWR-8FS
Calibration Service
Click Here
8 Power Sensor to be used with the supplied control cable only.
9 To receive the CD at no extra cost, request when placing order. CD contents can be downloaded from Mini-Circuits website
at http://www.minicircuits.com/softwaredownload/pm.html
Optional Accessories
Description
PWR-SEN-CD9
Software CD
USB-CBL+ (spare)
6.6 ft data cable with USB Type-A plug connector
USB-CBL-2+
15 in data cable with USB Type-A plug connector
NF-SM50+ (spare)
N-Type Female to SMA Male Adapter
NF-SF50+
N-Type Female to SMA Female Adapter
NF-BM50+
N-Type Female to BNC Male Adapter
Included Accessories
Part No.
Description
PWR-8FS
Power Sensor Head
USB-CBL+8
6.6 ft data cable with USB Type-A plug connector
NF-SM50+
N-Type Female to SMA Male Adapter.
Model
Description
PWR-8FS
USB Smart Power Sensor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com