Electronic Components Datasheet Search
  English  ▼

X  

PWR-8FS Datasheet(PDF) 2 Page - Mini-Circuits

Part # PWR-8FS
Description  USB Smart Power Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PWR-8FS Datasheet(HTML) 2 Page - Mini-Circuits

  PWR-8FS Datasheet HTML 1Page - Mini-Circuits PWR-8FS Datasheet HTML 2Page - Mini-Circuits PWR-8FS Datasheet HTML 3Page - Mini-Circuits PWR-8FS Datasheet HTML 4Page - Mini-Circuits PWR-8FS Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
USB Smart Power Sensor
Wide Dynamic Range
Rev. C
M159851
EDR-10749
EDR-10190
PWR-8FS
RAV
170223
50Ω
1 MHz to 8000 MHz
Product Features
• Wide bandwidth, 1 to 8000 MHz
• 50 dB Dynamic Range, -30 to +20 dBm
• Good VSWR, 1.1:1 typ.
• Fast measurement speed, 10 msec typ.
• Automatic frequency calibration & temperature compensation
• Multi-sensor capability (up to 24)
• Built in Application Measurement Software
• Remote operation via internet
• Effective, easy-to-use Windows® GUI
• Compatible with 32/64-bit Windows® or Linux® operating systems
• Supports a wide range of programming environments (See
application note
AN-49-001 for details)
•
Compliant
Typical Applications
• Turn almost any Windows or Linux PC into a Power Meter
• Pocket-sized portability for benchtop testing anywhere
• Remote location monitoring
• Automatic, scheduled data collection
• Evaluate high-power, multi-port devices with built-in
virtual couplers/attenuators & other software tools
Model No.
Description
PWR-8FS
USB smart Power Sensor
Included Accessories
PWR-SEN-8FS
Power Sensor Head
USB-CBL+
Data cable (USB Type-A plug)
NF-SM50+
N-Type (F) to SMA(M) Adapter
Case Style: JL1504
PWR-8FS
RoHS Compliant
See our web site for RoHS Compliance
methodologies and qualifications
Mini-Circuits Power Meter Program for Smart USB Power Sensor
Software Package



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com