Electronic Components Datasheet Search
  English  ▼

X  

DAC7552 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7552
Description  12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7552 Datasheet(HTML) 1 Page - Texas Instruments

  DAC7552 Datasheet HTML 1Page - Texas Instruments DAC7552 Datasheet HTML 2Page - Texas Instruments DAC7552 Datasheet HTML 3Page - Texas Instruments DAC7552 Datasheet HTML 4Page - Texas Instruments DAC7552 Datasheet HTML 5Page - Texas Instruments DAC7552 Datasheet HTML 6Page - Texas Instruments DAC7552 Datasheet HTML 7Page - Texas Instruments DAC7552 Datasheet HTML 8Page - Texas Instruments DAC7552 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
3 mm x 3 mm
Actual Size
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
_
+
Interface
Logic
Input
Register
DAC
Register
String
DAC A
Power-Down
Logic
Power-On
Reset
VDD
IOVDD
VREFA
VFBA
VOUT A
VREFB
GND
CLR
DCEN
SDIN
SYNC
SCLK
_
+
Input
Register
DAC
Register
String
DAC B
VFBB
VOUT B
PD
SDO
FUNCTIONAL BLOCK DIAGRAM
DAC7552
DAC7552
SLAS442B – JANUARY 2005 – REVISED JUNE 2005
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT
DIGITAL-TO-ANALOG CONVERTER
•
2.7-V to 5.5-V Single Supply
The
DAC7552
is
a
12-bit,
dual-channel,
volt-
age-output
DAC
with
exceptional
linearity
and
•
12-Bit Linearity and Monotonicity
monotonicity. Its proprietary architecture minimizes
•
Rail-to-Rail Voltage Output
undesired transients such as code-to-code glitch and
•
Settling Time: 5 µs (Max)
channel-to-channel
crosstalk.
The
low-power
•
Ultralow Glitch Energy: 0.1 nVs
DAC7552 operates from a single 2.7-V to 5.5-V
supply. The DAC7552 output amplifiers can drive a
•
Ultralow Crosstalk: –100 dB
2-k
Ω, 200-pF load rail-to-rail with 5-µs settling time;
•
Low Power: 440 µA (Max)
the output range is set using an external voltage
•
Per-Channel Power Down: 2 µA (Max)
reference.
•
Power-On Reset to Zero Scale
The 3-wire serial interface operates at clock rates up
•
SPI-Compatible Serial Interface: Up to 50 MHz
to 50 MHz and is compatible with SPI, QSPI,
Microwire™, and DSP interface standards. The out-
•
Daisy-Chain Capability
puts of all DACs may be updated simultaneously or
•
Asynchronous Hardware Clear
sequentially. The parts incorporate a power-on-reset
•
Simultaneous or Sequential Update
circuit to ensure that the DAC outputs power up to
zero volts and remain there until a valid write cycle to
•
Specified Temperature Range: –40°C to 105°C
the
device
takes
place.
The
parts
contain
a
•
Small 3-mm × 3-mm, 16-Lead QFN Package
power-down feature that reduces the current con-
sumption of the device to under 2 µA.
The small size and low-power operation makes the
•
Portable Battery-Powered Instruments
DAC7552 ideally suited for battery-operated portable
•
Digital Gain and Offset Adjustment
applications. The power consumption is typically
•
Programmable Voltage and Current Sources
1.5 mW at 5 V, 0.75 mW at 3 V, and reduces to 1 µW
in power-down mode.
•
Programmable Attenuators
•
Industrial Process Control
The DAC7552 is available in a 16-lead QFN package
and is specified over –40°C to 105°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Microwire is a trademark of National Semiconductor Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC7552

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7552 TI2-DAC7552 Datasheet
1,011Kb / 27P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
REVISED JUNE 2011
DAC7552IRGTR TI1-DAC7552IRGTR Datasheet
1Mb / 24P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552IRGTR TI2-DAC7552IRGTR Datasheet
1,011Kb / 27P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
REVISED JUNE 2011
DAC7552IRGTR.A TI2-DAC7552IRGTR.A Datasheet
1,011Kb / 27P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
REVISED JUNE 2011
DAC7552IRGTRG4 TI1-DAC7552IRGTRG4 Datasheet
1Mb / 24P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7552

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7554 TI-DAC7554 Datasheet
1Mb / 21P
12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI-DAC7553 Datasheet
774Kb / 20P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI-DAC7558 Datasheet
1Mb / 25P
12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7554IDGSRG4 TI1-DAC7554IDGSRG4 Datasheet
1Mb / 24P
12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI1-DAC7552_13 Datasheet
1Mb / 24P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com