Electronic Components Datasheet Search
  English  ▼

X  

DAC7552 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7552
Description  12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7552 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC7552 Datasheet HTML 5Page - Texas Instruments DAC7552 Datasheet HTML 6Page - Texas Instruments DAC7552 Datasheet HTML 7Page - Texas Instruments DAC7552 Datasheet HTML 8Page - Texas Instruments DAC7552 Datasheet HTML 9Page - Texas Instruments DAC7552 Datasheet HTML 10Page - Texas Instruments DAC7552 Datasheet HTML 11Page - Texas Instruments DAC7552 Datasheet HTML 12Page - Texas Instruments DAC7552 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
0
0.05
0.1
0.15
0.2
0
5
10
15
Typical for All Channels
VDD = 2.7 V,
VREF = 2.5 V
VDD = 5.5 V,
VREF = 4.096 V
ISINK − Sink Current − mA
DAC Loaded with 000h
5.20
5.30
5.40
5.50
0
5
10
15
Typical for All Channels
VDD = VREF = 5.5 V
ISOURCE − Source Current − mA
DAC Loaded with FFFh
2.4
2.5
2.6
2.7
0
5
10
15
Typical for All Channels
VDD = VREF = 2.7 V
ISOURCE − Source Current − mA
DAC Loaded with FFFh
0
50
100
150
200
250
300
350
400
0
512
1024 1536 2048 2560 3072 3584 4096
Digital Input Code
VDD = 5.5 V,
VREF = 4.096 V
VDD = 2.7 V,
VREF = 2.5 V
All Channels Powered, No Load
DAC7552
SLAS442B – JANUARY 2005 – REVISED JUNE 2005
TYPICAL CHARACTERISTICS (continued)
SINK CURRENT AT NEGATIVE RAIL
SOURCE CURRENT AT POSITIVE RAIL
Figure 10.
Figure 11.
SOURCE CURRENT AT POSITIVE RAIL
SUPPLY CURRENT
vs
DIGITAL INPUT CODE
Figure 12.
Figure 13.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com