Electronic Components Datasheet Search
  English  ▼

X  

DAC7552 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7552
Description  12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7552 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC7552 Datasheet HTML 12Page - Texas Instruments DAC7552 Datasheet HTML 13Page - Texas Instruments DAC7552 Datasheet HTML 14Page - Texas Instruments DAC7552 Datasheet HTML 15Page - Texas Instruments DAC7552 Datasheet HTML 16Page - Texas Instruments DAC7552 Datasheet HTML 17Page - Texas Instruments DAC7552 Datasheet HTML 18Page - Texas Instruments DAC7552 Datasheet HTML 19Page - Texas Instruments DAC7552 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
www.ti.com
Power Down
Asynchronous Clear
IOVDD and Level Shifters
Daisy-Chain Operation
SERIAL INTERFACE
16-Bit Word and Input Shift Register
DAC7552
SLAS442B – JANUARY 2005 – REVISED JUNE 2005
register, DAC register, or both are updated with shift
register input data. Bit 13 (DB13) determines whether
The DAC7552 has a flexible power-down capability
the data is for DAC A, DAC B, or both DACs. Bit 12
as described in Table 2. Individual channels could be
(DB12)
determines
either
normal
mode
or
powered down separately or all channels could be
power-down mode (see Table 2). All channels are
powered down simultaneously. During a power-down
updated when bits 15 and 14 (DB15 and DB14) are
condition, the user has flexibility to select the output
high.
impedance of each channel. During power-down
operation, each channel can have either 1-k
Ω,
The SYNC input is a level-triggered input that acts as
100-k
Ω, or Hi-Z output impedance to ground.
a frame synchronization signal and chip enable. Data
can only be transferred into the device while SYNC is
low. To start the serial data transfer, SYNC should be
taken low, observing the minimum SYNC to SCLK
The DAC7552 output is asynchronously set to
falling edge setup time, t4. After SYNC goes low,
zero-scale voltage immediately after the CLR pin is
serial data is shifted into the device's input shift
brought low. The CLR signal resets all internal
register on the falling edges of SCLK for 16 clock
registers and therefore behaves like the Power-On
pulses.
Reset. The DAC7552 updates at the first rising edge
of the SYNC signal that occurs after the CLR pin is
When DCEN is low, SDO pin is brought to a Hi-Z
brought back to high.
state. The first 16 data bits that follow the falling edge
of SYNC are stored in the shift register. The rising
edge of SYNC that follows the 16th data bit updates
the DAC(s). If SYNC is brought high before the 16th
The DAC7552 can be used with different logic famil-
data bit, no action occurs.
ies that require a wide range of supply voltages (from
1.8 V to 5.5 V). To enable this useful feature, the
When DCEN is high, data can continuously be shifted
IOVDD pin must be connected to the logic supply
into the shift register, enabling the daisy-chain oper-
voltage of the system. All DAC7552 digital input and
ation. SDO pin becomes active and outputs SDIN
output pins are equipped with level-shifter circuits.
data with 16 clock cycle delay. A rising edge of SYNC
Level shifters at the input pins ensure that external
loads the shift register data into the DAC(s). The
logic high voltages are translated to the internal logic
loaded data consists of the last 16 data bits received
high voltage, with no additional power dissipation.
into the shift register before the rising edge of SYNC.
Similarly, the level shifter for the SDO pin translates
If daisy-chain operation is not needed, DCEN should
the internal logic high voltage (AVDD) to the external
permanently be tied to a logic low voltage.
logic high level (IOVDD). For single-supply operation,
the IOVDD pin can be tied to the AVDD pin.
When DCEN pin is brought high, daisy chaining is
enabled. Serial Data Output (SDO) pin is provided to
The DAC7552 is controlled over a versatile 3-wire
daisy-chain multiple DAC7552 devices in a system.
serial interface, which operates at clock rates up to
50 MHz and is compatible with SPI, QSPI, Microwire,
As long as SYNC is high or DCEN is low, the SDO
and DSP interface standards.
pin is in a high-impedance state. When SYNC is
brought low the output of the internal shift register is
In daisy-chain mode (DCEN = 1), the DAC7552
tied to the SDO pin. As long as SYNC is low and
requires a falling SCLK edge after the rising SYNC, in
DCEN is high, SDO duplicates SDIN signal with a
order to initialize the serial interface for the next
16-cycle delay. To support multiple devices in a daisy
update.
chain, SCLK and SYNC signals are shared across all
devices, and SDO of one DAC7552 should be tied to
the SDIN of the next DAC7552. For n devices in such
a daisy chain, 16n SCLK cycles are required to shift
The input shift register is 16 bits wide. DAC data is
the entire input data stream. After 16n SCLK falling
loaded into the device as a 16-bit word under the
edges are received, following a falling SYNC, the
control of a serial clock input, SCLK, as shown in the
data stream becomes complete and SYNC can be
Figure 1 timing diagram. The 16-bit word, illustrated
brought high to update n devices simultaneously.
in Table 1, consists of four control bits followed by 12
SDO operation is specified at a maximum SCLK
bits of DAC data. The data format is straight binary
speed of 10 MHz.
with all zeroes corresponding to 0-V output and all
ones corresponding to full-scale output (VREF – 1
LSB). Data is loaded MSB first (bit 15) where the first
two bits (DB15 and DB14) determine if the input
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com