Electronic Components Datasheet Search
  English  ▼

X  

DAC7552 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7552
Description  12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7552 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC7552 Datasheet HTML 13Page - Texas Instruments DAC7552 Datasheet HTML 14Page - Texas Instruments DAC7552 Datasheet HTML 15Page - Texas Instruments DAC7552 Datasheet HTML 16Page - Texas Instruments DAC7552 Datasheet HTML 17Page - Texas Instruments DAC7552 Datasheet HTML 18Page - Texas Instruments DAC7552 Datasheet HTML 19Page - Texas Instruments DAC7552 Datasheet HTML 20Page - Texas Instruments DAC7552 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
www.ti.com
INTEGRAL AND DIFFERENTIAL LINEARITY
GLITCH ENERGY
CHANNEL-TO-CHANNEL CROSSTALK
APPLICATION INFORMATION
Waveform Generation
Generating ±5-V, ±10-V, and ± 12-V Outputs For
DAC7552
VREFH
DAC7552
_
+
Vdac
R2
R1
REF3140
VREF
Vtail
VOUT
OPA130
Vout + VREF
R2
R1 )
1
Din
4096 *
V
tail
R2
R1
(1)
DAC7552
SLAS442B – JANUARY 2005 – REVISED JUNE 2005
change the loop can generate. A DNL error less than
–1 LSB (non-monotonicity) can create loop instability.
The DAC7552 uses precision thin-film resistors pro-
A DNL error greater than +1 LSB implies unnecess-
viding exceptional linearity and monotonicity. Integral
arily large voltage steps and missed voltage targets.
linearity error is typically within (+/-) 0.35 LSBs, and
With high DNL errors, the loop loses its stability,
differential linearity error is typically within (+/-) 0.08
resolution, and accuracy. Offering 12-bit ensured
LSBs.
monotonicity and ± 0.08 LSB typical DNL error, 755X
DACs are great choices for precision control loops.
Loop Speed:
The DAC7552 uses a proprietary architecture that
Many factors determine control loop speed. Typically,
minimizes glitch energy. The code-to-code glitches
the ADC's conversion time and the MCU's compu-
are so low, they are usually buried within the
tation time are the two major factors that dominate
wide-band noise and cannot be easily detected. The
the time constant of the loop. DAC settling time is
DAC7552 glitch is typically well under 0.1 nV-s. Such
rarely a dominant factor because ADC conversion
low glitch energy provides more than 10X improve-
times usually exceed DAC conversion times. DAC
ment over industry alternatives.
offset, gain, and linearity errors can slow the loop
down only during the start-up. Once the loop reaches
its steady-state operation, these errors do not affect
The DAC7552 architecture is designed to minimize
loop speed any further. Depending on the ringing
channel-to-channel crosstalk. The voltage change in
characteristics of the loop's transfer function, DAC
one channel does not affect the voltage output in
glitches can also slow the loop down. With its 1
another channel. The DC crosstalk is in the order of a
MSPS (small-signal) maximum data update rate,
few microvolts. AC crosstalk is also less than –100
DAC7552 can support high-speed control loops.
dBs. This provides orders of magnitude improvement
Ultralow glitch energy of the DAC7552 significantly
over certain competing architectures.
improves loop stability and loop settling time.
Generating Industrial Voltage Ranges:
For control loop applications, DAC gain and offset
errors are not important parameters. This could be
exploited to lower trim and calibration costs in a
Due to its exceptional linearity, low glitch, and low
high-voltage control circuit design. Using an oper-
crosstalk, the DAC7552 is well suited for waveform
ational amplifier (OPA130), and a voltage reference
generation (from DC to 10 kHz). The DAC7552
(REF3140), the DAC7552 can generate the wide
large-signal settling time is 5 µs, supporting an
voltage swings required by the control loop.
update rate of 200 KSPS. However, the update rates
can exceed 1 MSPS if the waveform to be generated
consists of small voltage steps between consecutive
DAC updates. To obtain a high dynamic range,
REF3140 (4.096 V) or REF02 (5 V) are rec-
ommended for reference voltage generation.
Precision Industrial Control
Industrial control applications can require multiple
feedback loops consisting of sensors, ADCs, MCUs,
DACs, and actuators. Loop accuracy and loop speed
Figure 31. Low-cost, Wide-swing Voltage Gener-
are the two important parameters of such control
ator for Control Loop Applications
loops.
Loop Accuracy:
The output voltage of the configuration is given by:
In a control loop, the ADC has to be accurate. Offset,
gain, and the integral linearity errors of the DAC are
not factors in determining the accuracy of the loop.
Fixed R1 and R2 resistors can be used to coarsely
As long as a voltage exists in the transfer curve of a
set the gain required in the first term of the equation.
monotonic DAC, the loop can find it and settle to it.
Once R2 and R1 set the gain to include some
On the other hand, DAC resolution and differential
minimal over-range, a DAC7552 channel could be
linearity do determine the loop accuracy, because
used to set the required offset voltage. Residual
each DAC step determines the minimum incremental
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com