Electronic Components Datasheet Search
  English  ▼

X  

ADL5201 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5201
Description  Wide Dynamic Range, High Speed, Digitally Controlled VGA
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5201 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5201 Datasheet HTML 7Page - Analog Devices ADL5201 Datasheet HTML 8Page - Analog Devices ADL5201 Datasheet HTML 9Page - Analog Devices ADL5201 Datasheet HTML 10Page - Analog Devices ADL5201 Datasheet HTML 11Page - Analog Devices ADL5201 Datasheet HTML 12Page - Analog Devices ADL5201 Datasheet HTML 13Page - Analog Devices ADL5201 Datasheet HTML 14Page - Analog Devices ADL5201 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Data Sheet
ADL5201
Rev. C | Page 11 of 26
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
0
50
100
150
200
250
300
350
FREQUENCY (MHz)
–11.5dB
0dB
+10dB
+20dB
Figure 30. Harmonic Distortion vs. Frequency at Four Gain Codes,
Low Power Mode
0
50
100
150
200
250
300
350
FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
Figure 31. Harmonic Distortion vs. Frequency, Three Temperatures,
Low Power Mode
CH1 200mV/DIV
CH4 1mV/DIV
TIME (10ns/DIV)
Figure 32. Enable Time Domain Response
–120
–110
–100
–90
–80
–70
–60
–50
–40
–140
–130
–120
–110
–100
–90
–80
–70
–60
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
POUT (dBm)
–11.5dB
0dB
+10dB
+20dB
Figure 33. Harmonic Distortion vs. Power at Four Gain Codes,
Frequency = 140 MHz, Low Power Mode
–6
–5
–4
–3
–2
–1
012
3456
POUT (dBm)
–110
–100
–90
–80
–70
–60
–50
–130
–120
–110
–100
–90
–80
–70
TA = –40°C
TA = +25°C
TA = +85°C
Figure 34. Harmonic Distortion vs. Power, Frequency = 140 MHz,
Three Temperatures, Low Power Mode
CH1 200mV/DIV
CH4 1V/DIV
TIME (10ns/DIV)
Figure 35. Disable Time Domain Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com