Electronic Components Datasheet Search
  English  ▼

X  

ADL5201 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5201
Description  Wide Dynamic Range, High Speed, Digitally Controlled VGA
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5201 Datasheet(HTML) 2 Page - Analog Devices

  ADL5201 Datasheet HTML 1Page - Analog Devices ADL5201 Datasheet HTML 2Page - Analog Devices ADL5201 Datasheet HTML 3Page - Analog Devices ADL5201 Datasheet HTML 4Page - Analog Devices ADL5201 Datasheet HTML 5Page - Analog Devices ADL5201 Datasheet HTML 6Page - Analog Devices ADL5201 Datasheet HTML 7Page - Analog Devices ADL5201 Datasheet HTML 8Page - Analog Devices ADL5201 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ADL5201
Data Sheet
Rev. C | Page 2 of 26
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Diagrams.......................................................................... 4
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 7
Characterization and Test Circuits............................................... 14
Theory of Operation ...................................................................... 15
Digital Interface Overview ........................................................ 15
Parallel Digital Interface ............................................................ 15
Serial Peripheral Interface (SPI) ............................................... 15
Up/Down Interface .................................................................... 15
Logic Timing............................................................................... 16
Circuit Description......................................................................... 17
Basic Structure ............................................................................ 17
Input System ............................................................................... 17
Output Amplifier........................................................................ 17
Gain Control ............................................................................... 17
Applications Information .............................................................. 18
Basic Connections...................................................................... 18
ADC Driving............................................................................... 18
Layout Considerations............................................................... 20
Evaluation Board ............................................................................ 21
Evaluation Board Control Software......................................... 21
Schematics and Artwork ........................................................... 22
Evaluation Board Configuration Options............................... 24
Outline Dimensions ....................................................................... 26
Ordering Guide .......................................................................... 26
REVISION HISTORY
1/15—Rev. B to Rev. C
Changes to Table 1............................................................................ 4
Change to Table 3 ............................................................................. 6
9/13—Rev. A to Rev. B
Changed Logic Pins Absolute Maximum Rating from 3.6 V to
−0.3 V to +3.6 V (not to exceed |VPOS − 0.5 V| at any time).... 5
12/12—Rev. 0 to Rev. A
Changes to Layout Consideration Section .................................. 20
Updated Outline Dimensions ....................................................... 26
10/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com