Electronic Components Datasheet Search
  English  ▼

X  

ADL5201 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5201
Description  Wide Dynamic Range, High Speed, Digitally Controlled VGA
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5201 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5201 Datasheet HTML 9Page - Analog Devices ADL5201 Datasheet HTML 10Page - Analog Devices ADL5201 Datasheet HTML 11Page - Analog Devices ADL5201 Datasheet HTML 12Page - Analog Devices ADL5201 Datasheet HTML 13Page - Analog Devices ADL5201 Datasheet HTML 14Page - Analog Devices ADL5201 Datasheet HTML 15Page - Analog Devices ADL5201 Datasheet HTML 16Page - Analog Devices ADL5201 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Data Sheet
ADL5201
Rev. C | Page 13 of 26
0
0.2
0.4
0.6
0.8
1.0
10
100
1000
FREQUENCY (MHz)
MAX
MID
MIN
Figure 42. Group Delay vs. Frequency at Max, Mid, and Min Gain Outputs
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
10
20
3040506070
GAIN CODE
350MHz
300MHz
250MHz
200MHz
150MHz
100MHz
50MHz
Figure 43. Phase Variation vs. Gain Code
–60
–50
–40
–30
–20
–10
0
10
100
1000
FREQUENCY (MHz)
Figure 44. Disable-State Reverse Isolation vs. Frequency
0
10
20
30
40
50
60
10
100
1000
FREQUENCY (MHz)
Figure 45. Common-Mode Rejection Ratio vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com