Electronic Components Datasheet Search
  English  ▼

X  

ADL5201 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5201
Description  Wide Dynamic Range, High Speed, Digitally Controlled VGA
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5201 Datasheet(HTML) 3 Page - Analog Devices

  ADL5201 Datasheet HTML 1Page - Analog Devices ADL5201 Datasheet HTML 2Page - Analog Devices ADL5201 Datasheet HTML 3Page - Analog Devices ADL5201 Datasheet HTML 4Page - Analog Devices ADL5201 Datasheet HTML 5Page - Analog Devices ADL5201 Datasheet HTML 6Page - Analog Devices ADL5201 Datasheet HTML 7Page - Analog Devices ADL5201 Datasheet HTML 8Page - Analog Devices ADL5201 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Data Sheet
ADL5201
Rev. C | Page 3 of 26
SPECIFICATIONS
VS = 5 V, TA = 25°C, RS = RL = 150 Ω at 100 MHz, high performance mode, 2 V p-p differential output, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
VOUT < 2 V p-p (5.2 dBm)
700
MHz
Slew Rate
5.5
V/ns
Input Return Loss (S11)
100 MHz
−18.73
dB
Output Return Loss (S22)
100 MHz
−18.8
dB
INPUT STAGE
VIN+ and VIN− pins
Maximum Input Swing (Differential)
Gain code = 111111
10.8
V p-p
Differential Input Resistance
150
Ω
Common-Mode Input Voltage
1.5
V
CMRR
Gain code = 000000
51.44
dB
GAIN
Maximum Voltage Gain
Gain code = 000000
20
dB
Minimum Voltage Gain
Gain code = 111111
−11.5
dB
Gain Step Size
0.5
dB
Gain Flatness
30 MHz < fC < 200 MHz
0.285
dB
Gain Temperature Sensitivity
Gain code = 000000
0.0089
dB/°C
Gain Step Response
For VIN = 0.2 V, gain code = 111111 to 000000
15
ns
Gain Conformance Error
Over 10 dB gain range
±0.03
dB
Phase Conformance Error
Over 10 dB gain range
1.0
Degrees
OUTPUT STAGE
VOUT+ and VOUT− pins
Output Voltage Swing
At P1dB, gain code = 000000
10
V p-p
Differential Output Resistance
Differential
150
Ω
NOISE/HARMONIC PERFORMANCE
46 MHz
Gain code = 000000, high performance mode
Second Harmonic
VOUT = 2 V p-p
−86
dBc
Third Harmonic
VOUT = 2 V p-p
−104
dBc
Output IP3 (OIP3)
VOUT = 2 V p-p composite
50
dBm
70 MHz
Gain code = 000000, high performance mode
Second Harmonic
VOUT = 2 V p-p
−91
dBc
Third Harmonic
VOUT = 2 V p-p
−103
dBc
Output IP3 (OIP3)
VOUT = 2 V p-p composite
51
dBm
140 MHz
Gain code = 000000, high performance mode
Noise Figure
7.5
dB
Second Harmonic
VOUT = 2 V p-p
−89
dBc
Third Harmonic
VOUT = 2 V p-p
−97
dBc
Output IP3 (OIP3)
VOUT = 2 V p-p composite
51
dBm
Output 1 dB Compression Point (OIP1dB)
19.8
dBm
300 MHz
Gain code = 000000, high performance mode
Second Harmonic
VOUT = 2 V p-p
−85
dBc
Third Harmonic
VOUT = 2 V p-p
−90
dBc
Output IP3 (OIP3)
VOUT = 2 V p-p composite
50
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com