Electronic Components Datasheet Search
  English  ▼

X  

M30102 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M30102
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30102 Datasheet(HTML) 2 Page - Renesas Technology Corp

  M30102 Datasheet HTML 1Page - Renesas Technology Corp M30102 Datasheet HTML 2Page - Renesas Technology Corp M30102 Datasheet HTML 3Page - Renesas Technology Corp M30102 Datasheet HTML 4Page - Renesas Technology Corp M30102 Datasheet HTML 5Page - Renesas Technology Corp M30102 Datasheet HTML 6Page - Renesas Technology Corp M30102 Datasheet HTML 7Page - Renesas Technology Corp M30102 Datasheet HTML 8Page - Renesas Technology Corp M30102 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 164 page
background image
Under
development
Tentative Specifications REV.E1
Specifications in this manual are tentative and subject to change.
Mitsubishi microcomputers
M30100/M30102 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
1
------Table of Contents------
Overview
The M16C/10 group (M30100 and M30102 groups) consist of single-chip microcomputers that use high-
performance silicon gate CMOS processes and have a on-chip M16C/60 series CPU core. The microcom-
puters are housed in 32-pin plastic mold QFP or 48-pin plastic mold QFP packages. These single-chip
microcomputers have both high function instructions and high instruction efficiency and feature a one-
megabyte address space and the capability to execute instructions at high speed.
The M30100 and M30102 groups consist of several products that have different on-chip memory types,
sizes, and packages.
Features
• Basic machine language instructions .. Compatible with the M16C/60 series
• Memory size ........................................ ROM/RAM (See the memory expansion diagram.)
• Shortest instruction execution time ...... 62.5 ns (when f(XIN)=16MHz)
• Power supply voltage ........................... 4.2 V to 5.5V (when f(XIN)=16MHz)
2.7 V to 5.5V (when f(XIN)=5MHz) (This is not applicable to applications for automobile use)
• Interrupts .............................................. 12 internal causes, 7 external causes, 4 software causes
(including key input interrupts)
• 8-bit timers ........................................... 4 with 8-bit prescaler (PWM output of Timer Y, Z: selectable)
• 16-bit timer ........................................... 1 (time measurement timer)
• Serial I/O .............................................. UART or clock synchronization type x 2
• A-D converter ....................................... 10-bit X 12 channels (can be expanded to 14 channels)
• D-A converter ....................................... 1
• Watchdog timer .................................... 1
• Programmable I/O ports ...................... 34
• LED drive ports .................................... 8
• Clock generation circuits ...................... 3 internal circuits
Central Processing Unit (CPU) ..................... 10
Reset ............................................................. 13
Clock Generation Circuits ............................. 19
Protection ...................................................... 34
Overview of Interrupts ................................... 35
Watchdog Timer ............................................ 57
Timers ........................................................... 59
Specifications written in this manual are believed to
be accurate, but are not guaranteed to be entirely
free of error.
Specifications in this manual may be changed for
functional or performance improvements. Please
make sure your manual is the latest edition.
• Main clock generation circuit
An internal feedback resistor and an externally attached ceramic
resonator/quartz crystal oscillator/RC oscillator.
• Sub clock generation circuit
An internal feedback resistor and an externally attached ceramic
resonator/quartz crystal oscillator
• Ring oscillator
Applications
Home appliances, office devices, audio, automobile, other
Serial I/O ....................................................... 97
A-D Converter ............................................. 111
D-A Conberter ............................................. 118
Programmable I/O Ports ............................. 120
Precautionary Note in Using Devices ......... 128
Electric Characteristics ............................... 133
Flash Memory Version ................................ 146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com