| Electronic Components Datasheet Search |
|
M30102 Datasheet(PDF) 28 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30102 Datasheet(HTML) 28 Page - Renesas Technology Corp |
|
28 / 164 page ![]() Power Control Under development Tentative Specifications REV.E1 Specifications in this manual are tentative and subject to change. Mitsubishi microcomputers M30100/M30102 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 27 Power Control This section gives an overview of power control. Modes There are three power save modes. (1) Normal operating mode • High-speed mode In this mode, one main clock cycle forms BCLK. The CPU operates on the BCLK. The peripheral functions operate on the clocks specified for each respective function. • Medium-speed mode In this mode, the main clock is divided into 2, 4, 8, or 16 to form BCLK. The CPU operates on the BCLK. The peripheral functions operated on the clocks specified for each respective function. • Low-speed mode In this mode, fc forms BCLK. The CPU operates on the fc clock. fc is the clock supplied by the subclock. The peripheral functions operate on the clocks specified for each respective function. • Low power-dissipation mode This mode is selected when the main clock is stopped from low-speed mode. The CPU operates on the fc clock. fc is the clock supplied by the subclock. Only the peripheral functions for which the subclock was selected as the count source continue to run. • Ring oscillator mode This mode sets the ring oscillator as BCLK. The ring oscillator can be set to no division, 2-divisions, 4- division, 8-division, or 16-division mode according to the settings for CM06, CM16, and CM17. In- creasing the division ratio lowers power consumption. When the microcomputer is operating with the ring oscillator, the XIN clock driver can be stopped by setting the main clock stop bit to “1.” This can lower the power dissipation even more. (2) Wait mode CPU operation is halted in this mode. The oscillator continues to run. (3) Stop mode All oscillators stop in this mode. The CPU and internal peripheral functions all stop. Of all 3 power saving modes, power savings are greatest in this mode. The mode cannot be shifted to the stop mode directly from the ring oscillator mode. Figure 1.9.1 and 1.9.2 show the transition between each of the three modes, (1), (2), and (3). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |