Electronic Components Datasheet Search
  English  ▼

X  

MMRF1314GS Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MMRF1314GS
Description  RF Power LDMOS Transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1314GS Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MMRF1314GS Datasheet HTML 9Page - NXP Semiconductors MMRF1314GS Datasheet HTML 10Page - NXP Semiconductors MMRF1314GS Datasheet HTML 11Page - NXP Semiconductors MMRF1314GS Datasheet HTML 12Page - NXP Semiconductors MMRF1314GS Datasheet HTML 13Page - NXP Semiconductors MMRF1314GS Datasheet HTML 14Page - NXP Semiconductors MMRF1314GS Datasheet HTML 15Page - NXP Semiconductors MMRF1314GS Datasheet HTML 16Page - NXP Semiconductors MMRF1314GS Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
RF Device Data
NXP Semiconductors
MMRF1314H MMRF1314HS MMRF1314GS
PRODUCT DOCUMENTATION AND SOFTWARE
Refer to the following resources to aid your design process.
Application Notes
• AN1908: Solder Reflow Attach Method for High Power RF Devices in Air Cavity Packages
• AN1955: Thermal Measurement Methodology of RF Power Amplifiers
Engineering Bulletins
• EB212: Using Data Sheet Impedances for RF LDMOS Devices
Software
• Electromigration MTTF Calculator
To Download Resources Specific to a Given Part Number:
1. Go to http://www.nxp.com/RF
2. Search by part number
3. Click part number link
4. Choose the desired resource from the drop down menu
REVISION HISTORY
The following table summarizes revisions to this document.
Revision
Date
Description
0
Mar. 2016
• Initial Release of Data Sheet
1
Jan. 2017
• 1200–1400 MHz reference circuit: added performance data and graphs, reference circuit component layout
and component designations, pp. 5–6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com