Electronic Components Datasheet Search
  English  ▼

X  

MMRF1314GS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MMRF1314GS
Description  RF Power LDMOS Transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1314GS Datasheet(HTML) 5 Page - NXP Semiconductors

  MMRF1314GS Datasheet HTML 1Page - NXP Semiconductors MMRF1314GS Datasheet HTML 2Page - NXP Semiconductors MMRF1314GS Datasheet HTML 3Page - NXP Semiconductors MMRF1314GS Datasheet HTML 4Page - NXP Semiconductors MMRF1314GS Datasheet HTML 5Page - NXP Semiconductors MMRF1314GS Datasheet HTML 6Page - NXP Semiconductors MMRF1314GS Datasheet HTML 7Page - NXP Semiconductors MMRF1314GS Datasheet HTML 8Page - NXP Semiconductors MMRF1314GS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MMRF1314H MMRF1314HS MMRF1314GS
5
RF Device Data
NXP Semiconductors
1200–1400 MHz REFERENCE CIRCUIT — 3.0″× 4.0″ (7.6 cm × 10.2 cm)
C21
+
C23
C2
C8 L2
C6*
C32*
C33*
C9*
C19
C7
C14
Figure 4. MMRF1314H(HS) Reference Circuit Component Layout — 1200–1400 MHz
* C3, C6, C9, C10, C11, C32 and C33 are mounted vertically.
Coax1
C12
C13
R1
R2
C15
C16
C1
C17
C24
C20 C22
C10*
C11*
C4 C5
C31
C27
C28
C29
C30
C25
C26
Q1
C3*
C18
L1
Coax3
D80014
Rev. 0
+
+
+
Coax2
Coax4
+
+
Table 6. MMRF1314H(HS) 1200–1400 MHz Reference Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2
13 pF Chip Capacitors
ATC800B130JT500XT
ATC
C3, C6
3.9 pF Chip Capacitors
ATC800B3R9CT500XT
ATC
C4, C7
6.2 pF Chip Capacitors
ATC800B6R2BT500XT
ATC
C5, C8
2.0 pF Chip Capacitors
ATC800B2R0BT500XT
ATC
C9
2.7 pF Chip Capacitor
ATC800B2R7BT500XT
ATC
C10, C11, C32, C33
7.5 pF Chip Capacitors
ATC800B7R5JT500XT
ATC
C12, C15
22 μF, 25 V Tantalum Capacitors
TPSD226M025R0200
AVX
C13, C16
2.2 μF Chip Capacitors
C1825C225J5RACTU
Kemet
C14, C17, C20, C27
24 pF Chip Capacitors
ATC100B240CT500XT
ATC
C18, C19, C25, C26
470 μF, 63 V Electrolytic Capacitors
MCGPR63V477M13X26-RH
Multicomp
C21, C28
2.2 μF Chip Capacitors
C3225X7R2A225KT
TDK
C22, C29
1000 pF Chip Capacitors
ATC100B102JT50XT
ATC
C23, C30
0.022 μF Chip Capacitors
C1825C223K1GACTU
Kemet
C24, C31
0.10 μF Chip Capacitors
C1812F104K1RACTU
Kemet
Coax1, 2, 3, 4
35 Ω Semi-flexible Coax Cable, 1.5″ Shield Length
HSF-141C-35
Hongsen Cable
L1, L2
3.7 nH Inductors, 1 Turn
GA3092-ALC
Coilcraft
Q1
RF Power LDMOS Transistor
MMRF1314H
NXP
R1, R2
1000 Ω, 1/2 W Chip Resistors
CRCW20101K00FKEF
Vishay
PCB
Arlon 450 0.030″, εr=4.5
D80014
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com