Electronic Components Datasheet Search
  English  ▼

X  

MMRF1314GS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MMRF1314GS
Description  RF Power LDMOS Transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1314GS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MMRF1314GS Datasheet HTML 2Page - NXP Semiconductors MMRF1314GS Datasheet HTML 3Page - NXP Semiconductors MMRF1314GS Datasheet HTML 4Page - NXP Semiconductors MMRF1314GS Datasheet HTML 5Page - NXP Semiconductors MMRF1314GS Datasheet HTML 6Page - NXP Semiconductors MMRF1314GS Datasheet HTML 7Page - NXP Semiconductors MMRF1314GS Datasheet HTML 8Page - NXP Semiconductors MMRF1314GS Datasheet HTML 9Page - NXP Semiconductors MMRF1314GS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
RF Device Data
NXP Semiconductors
MMRF1314H MMRF1314HS MMRF1314GS
TYPICAL CHARACTERISTICS — 1200–1400 MHz
REFERENCE CIRCUIT
1400
1200
IRL
f, FREQUENCY (MHz)
Figure 5. Power Gain, Drain Efficiency and IRL
versus Frequency at a Constant Input Power
1325
1300
1275
1250
1225
19
18
–16
60
50
–6
ηD
16.5
16
13.5
12.5
18.5
17.5
17
40
15.5
15
1350
1375
VDD =52 Vdc,Pin =25 W,IDQ(A+B) = 100 mA
Pulse Width = 128 μsec, Duty Cycle = 10%
55
45
35
–4
–8
14
14.5
13
–12
–10
–14
10
24
20
70
Pout, OUTPUT POWER (WATTS) PEAK
Figure 6. Power Gain and Drain Efficiency versus
Output Power
800
0
22
18
16
14
60
50
40
30
Gps
ηD
200
400
600
1000
20
12
10
0
1200
1400
1600
800
1300
1200
40
1225
1200
1100
56
52
f, FREQUENCY (MHz)
1250
900
1000
60
48
44
1275
1300
1325
1350
1375
1400
ηD
Figure 7. Output Power and Drain Efficiency versus
Frequency at a Constant Input Power
65
1200 MHz
1400 MHz
1300 MHz
1300 MHz
1200 MHz
1400 MHz
VDD =52 Vdc, IDQ(A+B) = 100 mA
Pulse Width = 128 μsec, Duty Cycle = 10%
VDD =52 Vdc,IDQ(A+B) = 100 mA, Pin =25 W
Pulse Width = 128 μsec, Duty Cycle = 10%
Gps
Pout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com