Electronic Components Datasheet Search
  English  ▼

X  

LTC6752 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC6752
Description  Comparator Family with Rail-to-Rail Inputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6752 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC6752 Datasheet HTML 3Page - Analog Devices LTC6752 Datasheet HTML 4Page - Analog Devices LTC6752 Datasheet HTML 5Page - Analog Devices LTC6752 Datasheet HTML 6Page - Analog Devices LTC6752 Datasheet HTML 7Page - Analog Devices LTC6752 Datasheet HTML 8Page - Analog Devices LTC6752 Datasheet HTML 9Page - Analog Devices LTC6752 Datasheet HTML 10Page - Analog Devices LTC6752 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
7
6752fc
For more information www.linear.com/LTC6752
elecTrical characTerisTics (V
CC = 3.3V, VDD = 3.3V, VEE = 0). The l denotes the specifications which
apply over the specified temperature range, otherwise specifications are at TA = 25°C. LE/HYST, SHDN pins floating, CL = 5pF,
VOVERDRIVE = 50mV –IN = VCM = 300mV, +IN = –IN + VOVERDRIVE, 150mV step size unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Latching/Adjustable Hysteresis Characteristics (LTC6752-1/LTC6752-2/LTC6752-3 Only)
VLE/HYST
LE/HYST Pin Voltage
Open Circuit
l
1.05
1.25
1.45
V
RHYST
Resistance Looking Into LE/HYST
LE/HYST Pin Voltage < Open Circuit Value
l
15
20
25
kΩ
VHYST_LARGE Hysteresis Voltage
VLE/HYST = 800mV
40
mV
VIL_LE
Latch Pin Voltage, Latch Guaranteed
l
0.3
V
VIH_LE
Latch Pin Voltage, Hysteresis Disabled
Output Not Latched
l
1.7
V
IIH_LE
Latch Pin Current High
VLE/HYST = 1.7V
l
30
72
µA
IIL_LE
Latch Pin Current Low
VLE/HYST = 0.3V
l
–70
–47
µA
tSETUP
Latch Setup Time (Note 10)
–2
ns
tHOLD
Latch Hold Time (Note 10)
2
ns
tPL
Latch to Output Delay
7
ns
Shutdown Characteristics (LTC6752-2/LTC6752-3 Only)
ISD_VCC
Shutdown Mode Input Stage Supply Current VSHDN = 0.6V
l
430
600
660
µA
µA
ISD_VDD
Shutdown Mode Output Stage Supply
Current
VSHDN = 0.6V, LTC6752-2
l
200
420
450
µA
µA
VSHDN = 0.6V, LTC6752-3
l
300
700
800
µA
µA
tSD
Shutdown Time
Output Hi-Z
80
ns
VIH_SD
Shutdown Pin Voltage High
Part Guaranteed to Be Powered On
l
1.3
V
VIL_SD
Shutdown Pin Voltage Low
Part Guaranteed to Be Powered Off
l
0.6
V
tWAKEUP
Wake-Up Time from Shutdown
VOD = 100mV, Output Valid
100
ns
(VCC = 5V, VDD = 1.8V, VEE = 0, LTC6752-2/LTC6752-3/LTC6752-4 only). The l denotes the specifications which apply over the
specified temperature range, otherwise specifications are at TA = 25°C. LE/HYST, SHDN pins floating, CL = 5pF, VOVERDRIVE = 50mV,
–IN = VCM = 300mV, +IN = –IN + VOVERDRIVE, 150mV step size unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC - VEE
Input Supply Voltage (Note 5)
l
2.45
5.25
V
VDD - VEE
Output Supply Voltage (Note5)
l
1.71
3.5
V
VCMR
Input Voltage Range (Note 7)
l
VEE – 0.2
VCC + 0.1
V
VOS
Input Offset Voltage (Note 6)
l
–5.5
–9
±1.2
5.5
9
mV
mV
TCVOS
Input Offset Voltage Drift
l
14
µV/°C
VHYST
Input Hysteresis Voltage (Note 6)
LE/HYST Pin Floating
5.2
mV
CIN
Input Capacitance
1.1
pF
RDM
Differential Mode Resistance
57
kΩ
RCM
Common Mode Resistance
6.4
MΩ
IB
Input Bias Current
VCM = VEE + 0.3V
l
–3.9
–4.2
–1.5
µA
µA
VCM = VCC – 0.3V
l
0.36
1.6
2.5
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com