Electronic Components Datasheet Search
  English  ▼

X  

LTC6752 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC6752
Description  Comparator Family with Rail-to-Rail Inputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6752 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC6752 Datasheet HTML 20Page - Analog Devices LTC6752 Datasheet HTML 21Page - Analog Devices LTC6752 Datasheet HTML 22Page - Analog Devices LTC6752 Datasheet HTML 23Page - Analog Devices LTC6752 Datasheet HTML 24Page - Analog Devices LTC6752 Datasheet HTML 25Page - Analog Devices LTC6752 Datasheet HTML 26Page - Analog Devices LTC6752 Datasheet HTML 27Page - Analog Devices LTC6752 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
24
6752fc
For more information www.linear.com/LTC6752
Typical applicaTions
Common Mode Rejecting Line Receiver
Differential electrical signals being transmitted over long
cables are often attenuated. Electrical noise on the cables
can take the form of common mode signals.
The LTC6752 comparators can be used to retrieve attenu-
ated differential signals that have been corrupted by high
frequency common mode noise, as shown in Figure 14.
Figure 15 shows an LTC6752-2 retrieving a 200MHz,
200mVP-Pdifferentialinputsignalthathas2.5Vofrandom,
commonmodenoisesuperimposedonit. Theinputsupply
(VCC) used was 5V and the output supply used was 2.7V.
A small amount of modulation is seen at the output due
to a small amount of differential modulation at the inputs,
whichcausescycletocyclevariationsinpropagationdelay.
Fast Event Capture
The circuit shown in Figure 16 can be used to capture
small and fast events. The comparator output is used to
signal the latch pin and hold the output in the HIGH state.
The circuit will reset when the RESET line is low. An open
drain 1.5ns NAND gate is used to both invert the output
signal and is used to MUX in the RESET line from the
supervising circuit. One important feature of the NAND is
that it is open drain which allows the comparator to use
either its default 5mV of hysteresis or a user programmed
hysteresis.Thelatchrecoverytimeofthiscircuitisroughly
210nsandisdominatedbythetimeconstantcreatedbythe
capacitance seen at the output of the NAND gate and the
20k series resistance of the LE/HYST pin. The waveforms
are shown in Figure 17.
Figure 14
Figure 15
–
+
VCC = 5V
VDD = 2.7V
Q
6752 F14
SMALL DIFFERENTIAL SIGNAL WITH
LARGE COMMON MODE COMPONENT
VEE
+IN
–IN
LTC6752-2
500mV/DIV
–IN +IN
Q
50ns/DIV
6752 F15
Figure 16
Figure 17
500mV/DIV
50ns/DIV
6752 F17
RESET
INPUT
REF
OUT
3.3V
6752 F16
–
+
VCC
LTC6752-2
VDD
VEE
LE/HYST
SHDN
Q
2.2F
0.1F
0.1F
200
182k
EVENT IN
50mV, 10ns
INPUT
RESET
3.3V
REF
NXP 74LVC1G38
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com