Electronic Components Datasheet Search
  English  ▼

X  

LTC6752 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC6752
Description  Comparator Family with Rail-to-Rail Inputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6752 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC6752 Datasheet HTML 8Page - Analog Devices LTC6752 Datasheet HTML 9Page - Analog Devices LTC6752 Datasheet HTML 10Page - Analog Devices LTC6752 Datasheet HTML 11Page - Analog Devices LTC6752 Datasheet HTML 12Page - Analog Devices LTC6752 Datasheet HTML 13Page - Analog Devices LTC6752 Datasheet HTML 14Page - Analog Devices LTC6752 Datasheet HTML 15Page - Analog Devices LTC6752 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
12
6752fc
For more information www.linear.com/LTC6752
Typical perForMance characTerisTics Dc V
CC = VDD = 2.5V, CLOAD = 5pF,
VOVERDRIVE = 50mV, VCM = 300mV,TA = 25°C unless otherwise noted. VCC ≠ VDD conditions applicable only to the LTC6752-2/LTC6752-3/
LTC6752-4.
Supply Current vs Temperature,
Shutdown (LTC6752-2)
Supply Current vs Temperature,
Shutdown (LTC6752-3)
SHDN Pin I-V Characteristics
Total Supply Current vs SHDN Pin
Voltage (LTC6752-2)
Total Supply Current vs SHDN Pin
Voltage (LTC6752-3)
Supply Current vs Input Common
Mode Voltage (LTC6752-3)
700
TEMPERATURE (°C)
–55
25
105
–15
65
6752 G23
125
5
85
–35
45
600
500
300
100
400
200
IVCC
IVDD
ITOTAL
700
TEMPERATURE (°C)
–55
25
105
–15
65
6752 G24
125
5
85
–35
45
600
500
300
100
400
200
IVCC
IVDD
ITOTAL
VOLTAGE BETWEEN SHDN PIN AND VEE (V)
–0.3
2
0
–4
–10
–14
–2
–8
–12
–6
–16
2.1
4.5
6752 G20
5.3
1.3
3.7
0.5
2.9
VCC = 5V
VCC = 2.5V
5.0
SHDN PIN VOLTAGE (V)
–0.3
1.7
0.7
6752 G21
2.7
1.2
0.2
2.2
4.5
4.0
3.5
3.0
2.5
2.0
1.5
0.5
1.0
0
6.45
6.40
6.35
6.30
6.25
6.20
6.15
INPUT COMMON MODE VOLTAGE (V)
–0.2
1.9
0.5
6752 G19
2.6
1.2
6.10
7
6
5
SHDN PIN VOLTAGE (V)
–0.3
1.7
0.7
6752 G22
2.7
1.2
0.2
2.2
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com