Electronic Components Datasheet Search
  English  ▼

X  

LTC6752 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC6752
Description  Comparator Family with Rail-to-Rail Inputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6752 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC6752 Datasheet HTML 4Page - Analog Devices LTC6752 Datasheet HTML 5Page - Analog Devices LTC6752 Datasheet HTML 6Page - Analog Devices LTC6752 Datasheet HTML 7Page - Analog Devices LTC6752 Datasheet HTML 8Page - Analog Devices LTC6752 Datasheet HTML 9Page - Analog Devices LTC6752 Datasheet HTML 10Page - Analog Devices LTC6752 Datasheet HTML 11Page - Analog Devices LTC6752 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
8
6752fc
For more information www.linear.com/LTC6752
elecTrical characTerisTics (V
CC = 5V, VDD = 1.8V, VEE = 0, LTC6752-2/LTC6752-3/LTC6752-4 only).
The l denotes the specifications which apply over the specified temperature range, otherwise specifications are at TA = 25°C.
LE/HYST, SHDN pins floating, CL = 5pF, VOVERDRIVE = 50mV, –IN = VCM = 300mV, +IN = –IN + VOVERDRIVE, 150mV step size unless
otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOS
Input Offset Current
l
–0.9
±0.1
0.9
µA
CMRR_
LVCM
Common Mode Input Range, Low VCM
Region
VCM = VEE – 0.2V to VCC – 1.5V
l
54
51
70
dB
dB
CMRR_FR
Common Mode Rejection Ratio (Measured at
Extreme Ends of VCMR)
VCM = VEE – 0.2V to VCC + 0.1V
l
53
48
68
dB
dB
PSRR_VCC
Input Power Supply Rejection Ratio
VCM = 0.3V, VDD = 1.8V,VCC Varied from 2.45V
to 5.25V
l
59
57
75
dB
PSRR_VDD
Output Power Supply Rejection Ratio
VCM = 0.3V, VDD Varied from 1.71V to 3.5V
l
57
51
71
dB
dB
AVOL
Open Loop Gain
LTC6752-2/LTC6752-3 Hysteresis Removed
(Note 12)
3500
V/V
VOH
Output High Voltage (Amount Below VDD)
ISOURCE = 5.5mA
l
200
400
450
mV
mV
VOL
Output Low Voltage (Referred to VEE)
ISINK = 5.5mA
l
200
400
550
mV
mV
ISC
Output Short-Circuit Current
Source
l
9
6.2
17
mA
mA
Sink
l
11
6.2
19
mA
mA
IVCC
VCC Supply Current, Device On
l
2.1
2.65
2.85
mA
mA
IVDD
VDD Supply Current, Device On
LTC6752-2/LTC6752-4
l
2.5
3
3.25
mA
mA
LTC6752-3
l
3.4
4.4
4.8
mA
mA
ITOTAL
Total Supply Current, Device On
LTC6752-2/LTC6752-4
l
4.5
5.65
6.1
mA
mA
LTC6752-3
l
6
7.05
7.65
mA
mA
tR, tF
Rise/Fall Time
10% to 90%
1.25
ns
tPD
Propagation Delay (Note 8)
VOVERDRIVE = 50mV
l
3.4
5.3
5.7
ns
ns
tSKEW
Propagation Delay Skew, Rising to Falling
Transition (Note 9)
400
ps
tODD
Overdrive Dispersion (Note 8)
Overdrive Varied from 10mV to 125mV
1.8
ns
tCMD
Common Mode Dispersion
VCM Varied from VEE – 0.2V to VCC + 0.1V
240
ps
TR
Toggle Rate (Note 11)
100mVP-P Input, LTC6752-2/LTC6752-4
100mVP-P Input, LTC6752-3
230
185
MHz
MHz
tJITTER
RMS Jitter
VIN = 100mVP-P, fIN = 100MHz,
Jitter BW = 10Hz – 50MHz
fIN = 61.44MHz, Jitter BW = 10Hz – 30.72MHz
fIN = 10MHz, Jitter BW = 10Hz – 5MHz
4.3
5.8
28
ps
ps
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com