Electronic Components Datasheet Search
  English  ▼

X  

GC3011 Datasheet(PDF) 13 Page - Texas Instruments

Part # GC3011
Description  DIGITAL RESAMPLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC3011 Datasheet(HTML) 13 Page - Texas Instruments

Back Button GC3011 Datasheet HTML 9Page - Texas Instruments GC3011 Datasheet HTML 10Page - Texas Instruments GC3011 Datasheet HTML 11Page - Texas Instruments GC3011 Datasheet HTML 12Page - Texas Instruments GC3011 Datasheet HTML 13Page - Texas Instruments GC3011 Datasheet HTML 14Page - Texas Instruments GC3011 Datasheet HTML 15Page - Texas Instruments GC3011 Datasheet HTML 16Page - Texas Instruments GC3011 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
GRAYCHIP,INC.
- 13 -
JULY 22, 1996
GC3011 DIGITAL RESAMPLER
This document contains information which may be changed at any time without notice
3.0
PACKAGING
The GC3011 chip comes in a 100 pin plastic quad flatpack package
GC3011
RESAMPLER
0.65 mm (0.256")
17.9 mm
VCC PINS:6,7,12,13,24,25,35,50,57,66,76,78,87,95,100
GND PINS:5,9,10,14,23,26,36,49,58,65,75,77,86,94,99
100 PIN QUAD FLAT PACK
NOTE: 0.01 to 0.1
µf DECOUPLING CAPACITORS SHOULD BE PLACED
AS CLOSE AS POSSIBLE TO EACH SIDE OF THE CHIP
(TOP VIEW)
17
16
14
11
9
8
6
4
2
1
AVCC
CVOUT
VCC
CKOUT
GND
CK2X
GND
FE
HF
15
13
12
10
7
5
3
CVIN
AGND
GND
VCC
GND
VCC
VCC
FRST
20
19
FIZ
CV
18
M/S
30
29
27
24
22
21
DC0
DC1
VCC
DC2
DC4
DC5
28
26
25
23
GND
VCC
GND
DC3
64
65
67
70
72
73
75
77
79
80
DO1
VCC
GND
C1
C2
C4
C7
GND
A0
66
68
69
71
74
76
78
DO0
GND
VCC
C0
C3
C5
C6
VCC
61
62
A2
A3
63
A1
51
52
54
57
59
60
CS
R/W
VCC
DI2
DI4
DI5
53
55
56
58
GND
DI0
DI1
DI3
0.35 mm
(0.014")
3.7mm
(0.146")
(0.705")
14.0 mm
(0.551")
DI11
43
DI10
44
DI9
45
DI8
46
DI7
47
DI6
48
DI5
51
DI4
52
DI3
53
DI2
54
DI1
55
DI0
56
SI
40
CK
39
93
DVAL
16
97
FE
SO
C7
67
C6
68
C5
69
C4
70
C3
71
C2
72
C1
73
C0
74
R/W
59
CS
60
A3
61
A2
62
A1
63
A0
64
GC3011
DO11
92
DO10
91
DO9
90
DO8
89
DO7
88
DO6
85
DO5
84
DO4
83
DO3
82
DO2
81
DO1
80
DO0
79
M/S
18
FRST
15
(MSB)
(MSB)
(MSB)
(MSB)
OCK
96
RESAMPLER
17
HF
8
CKOUT
11
CK2X
DC11
38
DC10
37
DC9
34
DC8
33
DC7
32
DC6
31
DC5
30
DC4
29
DC3
28
DC2
27
DC1
22
DC0
21
(MSB)
20
CV
98
FOZ
19
FIZ
PLL ANALOG PINS
GC3011-PQ: PLASTIC PACKAGE
GC3011-CQ: CERAMIC PACKAGE
EIN
41
EVAL
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com