Electronic Components Datasheet Search
  English  ▼

X  

GC3011 Datasheet(PDF) 21 Page - Texas Instruments

Part # GC3011
Description  DIGITAL RESAMPLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC3011 Datasheet(HTML) 21 Page - Texas Instruments

Back Button GC3011 Datasheet HTML 17Page - Texas Instruments GC3011 Datasheet HTML 18Page - Texas Instruments GC3011 Datasheet HTML 19Page - Texas Instruments GC3011 Datasheet HTML 20Page - Texas Instruments GC3011 Datasheet HTML 21Page - Texas Instruments GC3011 Datasheet HTML 22Page - Texas Instruments GC3011 Datasheet HTML 23Page - Texas Instruments GC3011 Datasheet HTML 24Page - Texas Instruments GC3011 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
GRAYCHIP,INC.
- 21 -
JULY 22, 1996
GC3011 DIGITAL RESAMPLER
This document contains information which may be changed at any time without notice
4.4
SYNC MODE REGISTER
The Sync mode control register determines how the circuits within the chip are synchronized. Each
circuit which requires synchronization can be configured to be synchronized to the sync input (SI), or to the
terminal count of the sync counter (TC). The sync to each circuit can also be set to be always on or always
off. Each circuit is given a two bit sync mode control which is defined as:
NOTE: the internal syncs are active high. The SI input has been inverted to be the active high sync
SI.
ADDRESS 8:
SYNC MODE
BIT
TYPE
NAME
DESCRIPTION
0,1 (LSBs)
R/W
LOAD_RATIO
The resampling ratio load selection
2,3
R/W
RATE_ACC
The
rate
accumulator
sync
selection.
The
rate
accumulator in the RLL is initialized when this sync
occurs.
4,5
R/W
DELAY_ACC
The delay accumulator sync selection. The delay
accumulator is initialized when this sync occurs.
6,7
R/W
OUTPUT_SYNC
The selected sync is inverted and output on the SO pin.
Mode 0 in Table 1 is replaced by the one-shot sync for
the output sync selection.
Table 2: SYNC MODES
MODE
SYNC DESCRIPTION
0
“0” (never asserted)
1SI
2TC
3
“1” (always)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com