Electronic Components Datasheet Search
  English  ▼

X  

GC3011 Datasheet(PDF) 2 Page - Texas Instruments

Part # GC3011
Description  DIGITAL RESAMPLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC3011 Datasheet(HTML) 2 Page - Texas Instruments

  GC3011 Datasheet HTML 1Page - Texas Instruments GC3011 Datasheet HTML 2Page - Texas Instruments GC3011 Datasheet HTML 3Page - Texas Instruments GC3011 Datasheet HTML 4Page - Texas Instruments GC3011 Datasheet HTML 5Page - Texas Instruments GC3011 Datasheet HTML 6Page - Texas Instruments GC3011 Datasheet HTML 7Page - Texas Instruments GC3011 Datasheet HTML 8Page - Texas Instruments GC3011 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
GRAYCHIP,INC.
- 2 -
JULY 22, 1996
GC3011 DIGITAL RESAMPLER
This document contains information which may be changed at any time without notice
2.0
FUNCTIONAL DESCRIPTION
Fabricated in 0.7 micron CMOS technology, the GC3011 chip is a general purpose digital resampler
chip designed to accurately reduce the sample rate of the input data stream by a fractional amount ranging
from 1.0 down to 0.25. The chip includes an interpolation control block, a multi-chip synchronization and
offset circuit, a 15 tap interpolation filter, a 16 word output FIFO memory, an output clock generator and an
interpolation ratio rate-lock loop (RLL) circuit. In addition, an output multiplexor circuit allows the user to
by-pass the FIFO and output the resampled samples directly. A control interface allows the user to set the
resampling modes, resampling rate and output clocking modes.
The multi-chip sync and offset circuit allows multiple GC3011 chips to be synchronized in a
master/slave configuration. The offset portion of the circuit allows each chip’s interpolation delay to be offset
by a fixed amount relative to the other chips. The GC3011 chip accepts input rates up to 70 MHz.
The chip can operate in a fixed resampling mode where the user specifies the desired output rate,
or the chip can be configured to adapt the resampled rate to match an externally provided output clock. The
resampled data can be output synchronous to the input clock or can be output synchronous to the output
clock. When output synchronous to the input clock the samples are accompanied by a data valid flag to
indicate which samples are valid and which are invalid. When output synchronous to the output clock the
chip uses the internal 16 word FIFO to smooth the data. The output clock can be provided externally, or can
be generated within the chip using the internal oscillator which is locked to the resampled data rate.
The chip does not provide any anti-alias filtering. The user must bandlimit the input signal before it
is down-sampled by the GC3011 chip. The GC2011 digital filter chip can be used for this purpose.
Fractional upsampling can be achieved by using the GC2011 digital filter chip to up sample the
signal by a factor of two before it is downsampled by the GC3011.
On chip diagnostic circuits are provided to simplify system debug and maintenance.
The chip receives configuration and control information over a microprocessor compatible bus
consisting of an 8 bit data I/O port, a 4 bit address port, a read/write bit, and a control select strobe. The
chip’s 16 control registers (8 bits each) are memory mapped into the 4 bit address space of the control port.
2.1
CONTROL INTERFACE
The chip is configured by writing control information into sixteen control registers within the chip.
The contents of these control registers and how to use them are described in Section 4.0. The registers are
written to or read from using the C[0:7], A[0:3], R/W, and CS pins. Each control register has been assigned
a unique address within the chip. An external processor (a microprocessor, computer, or DSP chip) can
write into a register by setting A[0:3] to the desired register address, setting the R/W pin low, setting C[0:7]
to the desired value and then pulsing CS low.
To read from a control register the processor must set A[0:3] to the desired address, set R/W high,
and then set CS low. The chip will then drive C[0:7] with the contents of the selected register. After the
processor has read the value from C[0:7] it should set CS high. The C[0:8] pins are turned off (high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com