Electronic Components Datasheet Search
  English  ▼

X  

LTC6752ISC6-1 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC6752ISC6-1
Description  Comparator Family with Rail-to-Rail Inputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6752ISC6-1 Datasheet(HTML) 3 Page - Analog Devices

  LTC6752ISC6-1 Datasheet HTML 1Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 2Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 3Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 4Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 5Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 6Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 7Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 8Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
3
6752fc
For more information www.linear.com/LTC6752
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING* PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6752IS5#TRMPBF
LTC6752IS5#TRPBF
LTGKT
5-Lead Plastic TSOT-23
–40°C to 85°C
LTC6752HS5#TRMPBF
LTC6752HS5#TRPBF
LTGKT
5-Lead Plastic TSOT-23
–40°C to 125°C
LTC6752MPS5#TRMPBF
LTC6752MPS5#TRPBF
LTGKT
5-Lead Plastic TSOT-23
–55°C to 125°C
LTC6752ISC6-1#TRMPBF
LTC6752ISC6-1#TRPBF
LGQK
6-Lead Plastic SC-70
–40°C to 85°C
LTC6752HSC6-1#TRMPBF
LTC6752HSC6-1#TRPBF
LGQK
6-Lead Plastic SC-70
–40°C to 125°C
LTC6752ISC6-4#TRMPBF
LTC6752ISC6-4#TRPBF
LGQM
6-Lead Plastic SC-70
–40°C to 85°C
LTC6752HSC6-4#TRMPBF
LTC6752HSC6-4#TRPBF
LGQM
6-Lead Plastic SC-70
–40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING* PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6752IMS8-2#PBF
LTC6752IMS8-2#TRPBF
LTGKW
8-Lead Plastic MSOP
–40°C to 85°C
LTC6752HMS8-2#PBF
LTC6752HMS8-2#TRPBF
LTGKW
8-Lead Plastic MSOP
–40°C to 125°C
LTC6752IUD-3#PBF
LTC6752IUD-3#TRPBF
LGKV
12-Lead Plastic QFN (3mm
× 3mm) –40°C to 85°C
LTC6752HUD-3#PBF
LTC6752HUD-3#TRPBF
LGKV
12-Lead Plastic QFN (3mm
× 3mm) –40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/ Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
elecTrical characTerisTics (V
CC = 2.5V, VDD = 2.5V, VEE = 0). The l denotes the specifications which
apply over the specified temperature range, otherwise specifications are at TA = 25°C. LE/HYST, SHDN pins floating, CL = 5pF,
VOVERDRIVE = 50mV, –IN = VCM = 300mV, +IN = –IN + VOVERDRIVE, 150mV step size unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC - VEE
Supply Voltage (Note 5)
LTC6752/LTC6752-1 (Total Supply)
LTC6752-2/LTC6752-3/LTC6752-4 (Input Stage)
l
l
2.45
2.45
3.5
5.25
V
V
VDD - VEE
Output Stage Supply Voltage (Note 5)
LTC6752-2/LTC6752-3/LTC6752-4
l
1.71
3.5
V
VCMR
Input Voltage Range (Note 7)
l
VEE – 0.2
VCC + 0.1
V
VOS
Input Offset Voltage (Note 6)
l
–5.5
–8.5
±1.2
5.5
8.5
mV
mV
TCVOS
Input Offset Voltage Drift
l
18
µV/°C
VHYST
Input Hysteresis Voltage (Note 6)
LE/HYST Pin Floating
5
mV
CIN
Input Capacitance
1.1
pF
RDM
Differential Mode Resistance
57
kΩ
RCM
Common Mode Resistance
6.4
MΩ
IB
Input Bias Current
VCM = VEE + 0.3V
l
–3.8
–4
–1.35
µA
µA
VCM = VCC – 0.3V
l
0.3
1.25
2.1
µA
µA
IOS
Input Offset Current
l
–0.75
±0.1
0.75
µA
CMRR_
LVCM
Common Mode Input Range, Low VCM
Region
VCM = VEE – 0.2V to VCC – 1.5V
l
51
46
69
dB
dB
CMRR_FR
Common Mode Rejection Ratio (Measured at
Extreme Ends of VCMR)
VCM = VEE – 0.2V to VCC + 0.1V
l
50
45.5
65
dB
dB
orDer inForMaTion http://www.linear.com/product/LTC6752#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com