Electronic Components Datasheet Search
  English  ▼

X  

LTC6752ISC6-1 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC6752ISC6-1
Description  Comparator Family with Rail-to-Rail Inputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6752ISC6-1 Datasheet(HTML) 4 Page - Analog Devices

  LTC6752ISC6-1 Datasheet HTML 1Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 2Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 3Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 4Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 5Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 6Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 7Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 8Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
4
6752fc
For more information www.linear.com/LTC6752
elecTrical characTerisTics (V
CC = 2.5V, VDD = 2.5V, VEE = 0). The l denotes the specifications which
apply over the specified temperature range, otherwise specifications are at TA = 25°C. LE/HYST, SHDN pins floating, CL = 5pF,
VOVERDRIVE = 50mV, –IN = VCM = 300mV, +IN = –IN + VOVERDRIVE, 150mV step size unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PSRR_VCC
Input Power Supply Rejection Ratio
VCM = 0.3V, VDD = 2.5V, VCC Varied from 2.45V
to 5.25V (LTC6752-2/LTC6752-3/LTC6752-4)
l
59
57
74
dB
dB
Total Power Supply Rejection Ratio
VCM = 0.3V, VCC Varied from 2.45V to 3.5V
(LTC6752/LTC6752-1)
l
53
51
73
dB
dB
PSRR_VDD
Output Power Supply Rejection Ratio
VCM = 0.3V, VDD Varied from 1.71V to 3.5V
(LTC6752-2/LTC6752-3/LTC6752-4)
l
56
51
71
dB
dB
AVOL
Open Loop Gain
LTC6752-1/LTC6752-2/LTC6752-3, Hysteresis
Removed (Note 12)
6000
V/V
VOH
Output High Voltage (Amount Below
VDD (LTC6752-2/LTC5752-3/LTC6752-4),
VCC (LTC6752/LTC6752-1))
ISOURCE = 8mA
l
130
260
340
mV
mV
VOL
Output Low Voltage (Referred to VEE)
ISINK = 8mA
l
200
340
400
mV
mV
ISC
Output Short-Circuit Current
Source
l
16
12
30
mA
mA
Sink
l
15
9
22
mA
mA
IVCC
VCC Supply Current, Device On
LTC6752/LTC6752-1
l
4.5
5.0
5.9
mA
mA
LTC6752-2/LTC6752-3/LTC6752-4
l
1.9
2.25
2.5
mA
mA
IVDD
VDD Supply Current, Device On
LTC6752-2/LTC6752-4
l
2.6
3.2
3.4
mA
mA
LTC6752-3
l
4.3
4.75
5.2
mA
mA
ITOTAL
Total Supply Current, Device On
LTC6752/LTC6752-1/LTC6752-2/LTC6752-4
l
4.5
5.0
5.9
mA
mA
LTC6752-3
l
6.2
6.65
7.7
mA
mA
tR, tF
Rise/Fall time
10% to 90%
1.2
ns
tPD
Propagation Delay (Note 8)
VOVERDRIVE = 50mV
l
2.9
5
5.5
ns
ns
tSKEW
Propagation Delay Skew, Rising to Falling
Transition (Note 9)
300
ps
tODD
Overdrive Dispersion (Note 8)
Overdrive Varied from 10mV to 125mV
1.8
ns
tCMD
Common Mode Dispersion
VCM Varied from VEE – 0.2V to VCC + 0.1V
240
ps
TR
Toggle Rate (Note 11)
100mVP-P Input, LTC6752/LTC6752-1/
LTC6752-2/LTC6752-4
100mVP-P Input, LTC6752-3
280
250
MHz
MHz
tJITTER
RMS Jitter
VIN = 100mVP-P,
fIN = 100MHz, Jitter BW = 10Hz – 50MHz
fIN = 61.44MHz, Jitter BW = 10Hz – 30.72MHz
fIN = 10MHz, Jitter BW = 10Hz – 5MHz
4.5
6.0
30
ps
ps
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com