Electronic Components Datasheet Search
  English  ▼

X  

LTC6752ISC6-1 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC6752ISC6-1
Description  Comparator Family with Rail-to-Rail Inputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6752ISC6-1 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC6752ISC6-1 Datasheet HTML 5Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 6Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 7Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 8Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 9Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 10Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 11Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 12Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
9
6752fc
For more information www.linear.com/LTC6752
elecTrical characTerisTics (V
CC = 5V, VDD = 1.8V, VEE = 0, LTC6752-2/LTC6752-3 only).
The l denotes the specifications which apply over the specified temperature range, otherwise specifications are at TA = 25°C.
LE/HYST, SHDN pins floating, CL = 5pF, VOVERDRIVE = 50mV, –IN = VCM = 300mV, +IN = –IN + VOVERDRIVE, 150mV step size unless
otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Latching/Adjustable Hysteresis Characteristics (LTC6752-2/LTC6752-3 Only)
VLE/HYST
LE/HYST Pin Voltage
Open Circuit
l
1.05
1.25
1.45
V
RHYST
Resistance Looking Into LE/HYST
LE/HYST Pin Voltage < Open Circuit Value
l
15
20
25
kΩ
VHYST_LARGE Modified Input Hysteresis Voltage (Note 2)
VLE/HYST = 800mV
40
mV
VIL_LE
Latch Pin Voltage, Latch Guaranteed
l
0.3
V
VIH_LE
Latch Pin Voltage, Hysteresis Disabled
Output Not Latched
l
1.7
V
IIH_LE
Latch Pin Current High
VLE/HYST = 1.7V
l
30
72
µA
IIL_LE
Latch Pin Current Low
VLE/HYST = 0.3V
l
–70
–47
µA
tSETUP
Latch Setup Time (Note 10)
–2
ns
tHOLD
Latch Hold Time (Note 10)
2
ns
tPL
Latch To Output Delay
7
ns
Shutdown Characteristics (LTC6752-2/LTC6752-3 Only)
ISD_VCC
Shutdown Mode Input Stage Supply Current VSHDN = 0.6V
l
500
650
750
µA
µA
ISD_VDD
Shutdown Mode Output Stage Supply
Current
VSHDN = 0.6V, LTC6752-2
l
170
400
450
µA
µA
VSHDN = 0.6V, LTC6752-3
l
240
600
650
µA
µA
tSD
Shutdown Time
Output Hi-Z
80
ns
VIH_SD
Shutdown Pin Voltage High
Part Guaranteed to Be Powered On
l
1.3
V
VIL_SD
Shutdown Pin Voltage Low
Part Guaranteed to Be Powered Off
l
0.6
V
tWAKEUP
Wake-Up Time from Shutdown
VOD = 100mV, Output Valid
100
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Reverse biased ESD protection diodes exist on all input,
shutdown, latching/hysteresis and output pins. If the voltage on these
pins goes 300mV beyond either supply rail, the current should be limited
to less than 10mA. This parameter is guaranteed to meet specification
through design and/or characterization. It is not production tested.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating. This parameter is guaranteed to meet
specified performance through design and/or characterization. It is not
production tested.
Note 4: The LTC6752I/LTC6752-1I/LTC6752-2I/LTC6752-3I/LTC6752-4I
are guaranteed to meet specified performance from –40°C to 85°C. The
LTC6752H/LTC6752-1H/LTC6752-2H/LTC6752-3H/LTC6752-4H are
guaranteed to meet specified performance from –40°C to 125°C.
Note 5: Total output supply voltage range is guaranteed by the PSRR_VDD
test. Total input supply voltage range for the LTC6752-2, LTC6752-3 and
LTC6752-4 is guaranteed by the PSRR_VCC test. For the LTC6752 and
LTC6752-1, the supply voltage range is guaranteed by the PSRR_VCC test.
The LTC6752MP is guaranteed to meet specified performance from –55°C
to 125°C.
Note 6: Both hysteresis and offset are measured by determining positive
and negative trip points (input values needed to change the output in the
opposite direction). Hysteresis is defined as the difference of the two trip
points and offset as the average of the two trip points.
Note 7: Guaranteed by CMRR test.
Note 8: Propagation delays are measured with a step size of 150mV.
Note 9: Propagation delay skew is defined as the difference of the
propagation delays for positive and negative steps for the LTC6752,
LTC6752-1, LTC6752-2 and LTC6752-4, and the difference in propagation
delays between the complementary outputs for the LTC6752-3.
Note 10: Latch setup time is defined as the minimum time before the
LE/HYST pin is asserted low for an input signal change to be acquired and
held at the output. Latch hold time is defined as the minimum time before
an input signal change for a high to low transition on the LE/HYST pin to
prevent the output from changing. See Figure 7 for a graphical definition of
these terms.
Note 11: Toggling is defined to be valid if the output swings as follows:
from 10% of VDD - VEE to 90% of VDD - VEE for the LTC6752-2/
LTC6752-3/LTC6752-4, and from 10% of VCC - VEE to 90% of VCC - VEE
for the LTC6752/LTC6752-1. It is tested with a 1kΩ load to VCM
Note 12: The devices have effectively infinite gain when hysteresis is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com