Electronic Components Datasheet Search
  English  ▼

X  

LTC6752ISC6-1 Datasheet(PDF) 30 Page - Analog Devices

Part # LTC6752ISC6-1
Description  Comparator Family with Rail-to-Rail Inputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6752ISC6-1 Datasheet(HTML) 30 Page - Analog Devices

Back Button LTC6752ISC6-1 Datasheet HTML 22Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 23Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 24Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 25Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 26Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 27Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 28Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 29Page - Analog Devices LTC6752ISC6-1 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
30
6752fc
For more information www.linear.com/LTC6752
LINEAR TECHNOLOGY CORPORATION 2014
LT 0417 REV C • PRINTED IN USA
www.linear.com/LTC6752
Typical applicaTion
relaTeD parTs
PART NUMBER
DESCRIPTION
COMMENTS
High Speed Comparators
LT1715
4ns 150MHz Dual Comparators
4.6mA at 3V
LT1711
High Speed Rail-to-Rail Comparators
3V/5V/±5V, 4.5ns at 20mV Overdrive
LT1713/LT1714
Single/Dual Low Power Rail-to-Rail Comparators
2.7V/5V/±5V, 7ns at 20mV Overdrive
LT1719/LT1720
Dual/Quad 4.5ns Rail-to-Rail Output Comparators
4mA/Comparator, 7ns at 5mV Overdrive
LT1394
7ns Single Supply Ground Sensing Comparator
6mA, 800μV Offset
Clock Buffers/Logic Converters
LTC6957-1/LTC6957-2/
LTC6957-3/LTC6957-4
Low Phase Noise, Dual Output Buffer/Driver/Logic
Converter
LVPECL/LVDS/CMOS Outputs, Additive Jitter 45fsRMS (LTC6957-1)
High Speed Operational Amplifiers
LTC6252/LTC6253/
LTC6254
Single/Dual/Quad 3.5mA 720MHz
280V/μs, 2.75nV/√Hz, Rail-to-Rail I/O
LTC6246/LTC6247/
LTC6248
Single/Dual/Quad 1mA, 180MHz
90V/μs, 4.2nV/√Hz,Rail-to-Rail I/O
LTC6255/LTC6256/
LTC6257
Single/Dual/Quad 65µA, 6.5MHz
LTC6240/LTC6241/
LTC6242
18MHz, Low Noise, CMOS
Rail-to-Rail Outputs
LTC6406
3GHz, Differential Amplifier/Driver
Rail-to-Rail Inputs
LTC6409
10GHz Differential Amplifier/ADC Driver
1.1nV/√Hz
200MHz Clock Restoration/Level shifting
–
+
VCC
VDD
VEE + 1.8V
VEE
VEE + 1.8V
VEE + 5V
6752 TA02a
200MHz
CLOCK
SIGNAL
ATTENUATED
150mVP-P
200MHz,
VCM = 2.5V
~1.8VP-P
200MHz,
CLOCK
SIGNAL
LONG
TRACE
VEE
VREF = VEE + 2.5V
CLOCK/DATA
RECEIVER
LTC6752-2
VEE
CLOCK/DATA
SOURCE
VOUT, 500mV/DIV
VIN, 50mV/DIV
2ns/DIV
6752 TA02b
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com