Electronic Components Datasheet Search
  English  ▼

X  

GS3026 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS3026
Description  AGC-O in a CIC Size Hybrid
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS3026 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS3026 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
521 - 71 - 02
2
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Hybrid Current
I
AMP
-
165
240
µA
Minimum Voltage
V
B
-
1.1
-
V
Total Harmonic Distortion
THD
V
IN
=-60dBV
-
0.5
1
%
Input Referred Noise
IRN
A weighted
-
2
2.5
µVRMS
Total System Gain
A
V
V
IN=-70dBV
35
38
41
dB
Regulator Voltage
V
REG
890
950
1000
mV
Power Supply Rejection Ratio
PSRR
49
57
-
dB
AGC
Maximum Threshold
TH
MAX
V
IN
=-60dBV
-43
-41
-39
dBV
(Output Referred)
Note 2
Minimum Threshold
TH
MIN
V
IN=-70dBV RTH = 200k
-59
-57
-55
dBV
(Output Referred)
Note 2
VC Gain Range
∆A
VC
R
VC
=200k
Ω to 0Ω
35
38
41
dB
Compression Ratio High Threshold
CMP-H
V
IN
=-60dBV to -30dBV R
TH
=0
8
9.0
10
ratio
Compression Ratio Low Threshold
CMP-L
V
IN=-70dBV to -40dBV RTH=200k
6.5
7.3
9
ratio
Stage A Gain
A
A
V
IN
=-70dBV
24
27
30
dB
Compression Gain Range
A
RANGE
R
TH=200k; Note 1
47
50
55
dB
AGC Time Constant
τ
AGC
-
270
-
ms
OUTPUT STAGE
Gain
A
B
911
13
dB
Output Resistance
20
24
28
k
Ω
All parameters and switches remain as shown in the Test Circuit unless otherwise stated in CONDITIONS column.
Note 1.
A
RANGE
= A
A
-A
A
[V
IN
= -20dBV]
2
. Measured at output of Stage A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE / UNITS
Supply Voltage
3 VDC
Power Dissipation
25 mW
Operating Temperature Range
-10
° C to 40° C
Storage Temperature Range
-20
° C to 70° C
PAD CONNECTION
Conditions: Frequency = 1 kHz, Temperature = 25
°C, Supply Voltage V
B
= 1.3 V
ELECTRICAL CHARACTERISTICS
1
VB
3
VREG
2
IN
4
RVC
5
OUT
6
RTH
7
GND
CAUTION
CLASS 1 ESD SENSITIVITY



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com