Electronic Components Datasheet Search
  English  ▼

X  

GS3026 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GS3026
Description  AGC-O in a CIC Size Hybrid
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS3026 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  GS3026 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
521 - 71 - 02
7
0.094
(2.39)
0.162
(4.11)
0.075
MAX
(1.91)
1
C1
C5
C4
3
2
4
5
6
7
C2
C3
XXX
XXX
Dimensioning units are inches.
Dimensions shown in parenthesis are in millimetres, converted from inches and include minor round off errors.
1.0000 inches = 25.400mm.
Dimension tolerances
±0.003 (+0.08) unless otherwise stated.
Pad numbers and capacitor numbers for illustration only.
Smallest pad sizes 0.024 x 0.023 (0.61 x 0.58).
Largest pad size 0.020 x 0.040 (0.51 x 1.02).
XXXXXX - work order number.
This hybrid is designed for point to point manual soldering.
For more information contact Gennum Corporation.
Fig. 14 Hybrid Layout and Dimensions
DOCUMENT IDENTIFICATION:
DATA SHEET
The product is in production. Gennum reserves the right to make
changes at any time to improve reliability, function or design, in
order to provide the best product possible.
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement.
© Copyright August 1996 Gennum Corporation.
All rights reserved.
Printed in Canada.
REVISION NOTES:
Updated to Data sheet, corrections to TH
MAX
and TH
MIN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com