Electronic Components Datasheet Search
  English  ▼

X  

GS3026 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GS3026
Description  AGC-O in a CIC Size Hybrid
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS3026 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GS3026 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
521 - 71 - 02
4
Fig. 4 Characterization Circuit (used to generate Typical Curves)
Fig. 3 Typical Hearing Instrument Assembly Diagram
All resistors in ohms, all capacitors in farads unless otherwise stated.
REC
BATTERY
MIC
RVC
RTH
1
3
2
4
5
6
2
µ2
7
C1
0
µ1
C2
0
µ1
C3
0
µ15
C4
33n
C5
22n
GS3026
12k
3k9
PINK NOISE
GENERATOR
or 1kHz for I/O
48k
50k
VB
REG.
48k
-A
RECT.
VOUT
B
8:1
COMPRESSION
CONTROL
1.3V
Rvc=200k
R
TH =200k
4
1
2
3
5
6
4
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com