Electronic Components Datasheet Search
  English  ▼

X  

GS3026 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GS3026
Description  AGC-O in a CIC Size Hybrid
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS3026 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GS3026 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS3026 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
•
CIC suitable package size
•
8:1 compression ratio
•
38 dB maximum system gain,
adjustable over a 38 dB range
•
output compression threshold,
adjustable over 16 dB range
•
designed to drive a class D integrated receiver
•
averaging detector
STANDARD PACKAGING
Hybrid typical dimensions:
0.162 in x 0.094 in x 0.070 in
(4.11 mm x 2.39 mm x 1.78 mm)
C1
0
µ1
C2
0
µ1
C3
0
µ15
OUT
IN
GND
C4
33n
C5
22n
GS3026
12k
48k
VB
REG.
48k
-A
RECT.
B
8:1
COMPRESSION
CONTROL
VB
Rvc
VREG
R
TH
1
2
3
5
6
4
7
GS3026 - DATA SHEET
AGC-O in a CIC Size Hybrid
FEATURES
DESCRIPTION
The GS3026 CIC hybrid features AGC-O capability for low
distortion output limiting and offers a package size suitable
for CIC instruments. The circuit consists of a newly designed
AGC preamplifier and output stage, capable of driving the
class D integrated receiver.
The compression control
circuit varies the current controlled resistance, connected
between the input and output of the AGC preamplifier. The
compression circuit operates with an 8:1 compression
ratio and uses an averaging detector with a time constant
of 270 ms, selected to provide optimal sound quality over
the full range of sound and listening environments. The
actual attack and release times are typically 40 ms and 150
ms respectively when the circuit is fully in the compression
region of operation (measured times will vary depending
on gain and threshold settings).
The system gain and compression control can be adjusted
by the choice of two independent resistors.
Maximum
system gain is 38 dB and it can be adjusted within a 38 dB
range. The output compression threshold can be adjusted
within a 16 dB range.
BLOCK DIAGRAM
All resistors in ohms, all capacitors in farads unless otherwise stated.
Revision Date: July 1998
Document No. 521 - 71 - 02
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3 tel. +1 (905) 632-2996
Web Site: www.gennum.com
E-mail: hipinfo@gennum.com


Similar Part No. - GS3026

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS3020 GENNUM-GS3020 Datasheet
131Kb / 6P
Dynamic Equalizer
logo
List of Unclassifed Man...
GS3023 ETC1-GS3023 Datasheet
153Kb / 7P
CIC Size DynamEQ I Dynamic Equalizer - Class D
GS3024A ETC1-GS3024A Datasheet
92Kb / 6P
CIC, CLASS D HYBRID
More results

Similar Description - GS3026

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS3044 ETC-GS3044 Datasheet
111Kb / 6P
AGC-O with Active Low Cut Filter in a CIC Size Hybrid
GS3023 ETC1-GS3023 Datasheet
153Kb / 7P
CIC Size DynamEQ I Dynamic Equalizer - Class D
GS3024A ETC1-GS3024A Datasheet
92Kb / 6P
CIC, CLASS D HYBRID
logo
DAICO Industries, Inc.
DHD08063 DAICO-DHD08063 Datasheet
30Kb / 1P
IF / AGC HYBRID
logo
Touchstone Semiconducto...
TS6001A TOUCHSTONE-TS6001A Datasheet
849Kb / 12P
A 7ppm/ oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
logo
List of Unclassifed Man...
175444-6 ETC2-175444-6 Datasheet
105Kb / 1P
HYBRID I/O CAP ASSY 34P
logo
WALSIN TECHNOLOGY CORPO...
1808N100J202CT WALSIN-1808N100J202CT Datasheet
3Mb / 13P
High voltage in a given case size
OP31B102K201CT WALSIN-OP31B102K201CT Datasheet
2Mb / 10P
High voltage in a given case size
logo
Molex Electronics Ltd.
847320002 MOLEX-847320002 Datasheet
163Kb / 1P
USB DUAL PLUG TYPE A & B COUPLER SHELDED CABLE CIC, DE EXT CORD
2009/12/15
847271001 MOLEX-847271001 Datasheet
116Kb / 1P
PLUG, USB TYPE-A, SHIELDED, PIGTAIL CIC
10/05/04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com