Electronic Components Datasheet Search
  English  ▼

X  

LTC1743 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1743
Description  12-Bit, 50Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1743 Datasheet(HTML) 1 Page - Linear Technology

  LTC1743 Datasheet HTML 1Page - Linear Technology LTC1743 Datasheet HTML 2Page - Linear Technology LTC1743 Datasheet HTML 3Page - Linear Technology LTC1743 Datasheet HTML 4Page - Linear Technology LTC1743 Datasheet HTML 5Page - Linear Technology LTC1743 Datasheet HTML 6Page - Linear Technology LTC1743 Datasheet HTML 7Page - Linear Technology LTC1743 Datasheet HTML 8Page - Linear Technology LTC1743 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1743
1743f
12-Bit, 50Msps ADC
s
Sample Rate: 50Msps
s
72.5dB SNR and 85dB SFDR (3.2V Range)
s
71dB SNR and 90dB SFDR (2V Range)
s
No Missing Codes
s
Single 5V Supply
s
Power Dissipation: 1000mW
s
Selectable Input Ranges:
±1V or ±1.6V
s
150MHz Full Power Bandwidth S/H
s
Pin Compatible Family
25Msps: LTC1746 (14-Bit), LTC1745 (12-Bit)
50Msps: LTC1744 (14-Bit), LTC1743 (12-Bit)
65Msps: LTC1742 (14-Bit), LTC1741 (12-Bit)
80Msps: LTC1748 (14-Bit), LTC1747 (12-Bit)
s
48-Pin TSSOP Package
s
Telecommunications
s
Receivers
s
Cellular Base Stations
s
Spectrum Analysis
s
Imaging Systems
APPLICATIO S
, LTC and LT are registered trademarks of Linear Technology Corporation.
BLOCK DIAGRA
12-BIT
PIPELINED ADC
12
S/H
AMP
±1V
DIFFERENTIAL
ANALOG INPUT
AIN
+
AIN
–
SENSE
VCM
4.7
µF
DIFF AMP
REFLA
REFHB
GND
1743 BD
ENC
4.7
µF
1
µF1µF
0.1
µF
0.1
µF
REFHA
REFLB
BUFFER
RANGE
SELECT
2.5VREF
OUTPUT
LATCHES
CONTROL LOGIC
OVDD
VDD
OGND
0.5V TO 5V
5V
0.1
µF
1
µF
1
µF
1
µF
D11
D0
CLKOUT
OF
•
•
•
ENC
DIFFERENTIAL
ENCODE INPUT
OE
MSBINV
0.1
µF
The LTC
®1743 is a 50Msps, sampling 12-bit A/D con-
verter designed for digitizing high frequency, wide
dynamic range signals. Pin selectable input ranges of
±1V
and
±1.6V along with a resistor programmable mode
allow the LTC1743’s input range to be optimized for a
wide variety of applications.
The LTC1743 is perfect for demanding communications
applications with AC performance that includes 72.5dB
SNR and 85dB spurious free dynamic range. Ultralow jitter
of 0.3psRMS allows undersampling of IF frequencies with
excellent noise performance. DC specs include
±1LSB
maximum INL and
±0.8LSB DNL over temperature.
The digital interface is compatible with 5V, 3V and 2V logic
systems. The ENC and ENC inputs may be driven differen-
tially from PECL, GTL and other low swing logic families or
from single-ended TTL or CMOS. The low noise, high gain
ENC and ENC inputs may also be driven by a sinusoidal
signal without degrading performance. A separate output
power supply can be operated from 0.5V to 5V, making it
easy to connect directly to any low voltage DSPs or FIFOs.
The 48-pin TSSOP package with a flow-through pinout
simplifies the board layout.
50Msps, 12-Bit ADC with a 2V Differential Input Range
FEATURES
DESCRIPTIO


Similar Part No. - LTC1743

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
12-Bit, 50Msps ADC
More results

Similar Description - LTC1743

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
logo
Linear Technology
LTC1744 LINER-LTC1744 Datasheet
548Kb / 24P
14-Bit, 50Msps ADC
logo
Maxim Integrated Produc...
MAX1437 MAXIM-MAX1437 Datasheet
410Kb / 23P
Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 4/05
logo
Exar Corporation
XRD64L44 EXAR-XRD64L44 Datasheet
162Kb / 15P
Dual 10-Bit 50MSPS CMOS ADC
logo
Maxim Integrated Produc...
MAX1437B MAXIM-MAX1437B Datasheet
333Kb / 22P
Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 12/08
MAX1434 MAXIM-MAX1434_11 Datasheet
421Kb / 22P
Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
logo
Linear Technology
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
12-Bit, 50Msps ADC
LTC1744 LINER-LTC1744_15 Datasheet
548Kb / 24P
14-Bit, 50Msps ADC
logo
Maxim Integrated Produc...
MAX1437B MAXIM-MAX1437B_V01 Datasheet
456Kb / 22P
Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
MAX1437 MAXIM-MAX1437_V01 Datasheet
715Kb / 23P
Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com