Electronic Components Datasheet Search
  English  ▼

X  

LTC1743 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1743
Description  12-Bit, 50Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1743 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1743 Datasheet HTML 10Page - Linear Technology LTC1743 Datasheet HTML 11Page - Linear Technology LTC1743 Datasheet HTML 12Page - Linear Technology LTC1743 Datasheet HTML 13Page - Linear Technology LTC1743 Datasheet HTML 14Page - Linear Technology LTC1743 Datasheet HTML 15Page - Linear Technology LTC1743 Datasheet HTML 16Page - Linear Technology LTC1743 Datasheet HTML 17Page - Linear Technology LTC1743 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LTC1743
1743f
APPLICATIO S I FOR ATIO
Common Mode Bias
The ADC sample-and-hold circuit requires differential drive
to achieve specified performance. Each input should swing
±0.8Vforthe3.2Vrangeor±0.5Vforthe2Vrange,around
a common mode voltage of 2.5V. The VCM output pin
(Pin 2) may be used to provide the common mode bias
level. VCM can be tied directly to the center tap of a trans-
former to set the DC input level or as a reference level to
an op amp differential driver circuit. The VCM pin must be
bypassed to ground close to the ADC with 4.7
µForgreater.
Input Drive Impedance
As with all high performance, high speed ADCs the dy-
namic performance of the LTC1743 can be influenced by
the input drive circuitry, particularly the second and third
harmonics. Source impedance and input reactance can
influence SFDR. At the falling edge of encode the sample-
and-hold circuit will connect the 7pF sampling capacitor to
the input pin and start the sampling period. The sampling
period ends when encode rises, holding the sampled input
on the sampling capacitor. Ideally the input circuitry
should be fast enough to fully charge the sampling capaci-
tor during the sampling period 1 / (2Fencode); however,
this is not always possible and the incomplete settling may
degrade the SFDR. The sampling glitch has been designed
to be as linear as possible to minimize the effects of
incomplete settling.
For the best performance, it is recomended to have a
source impedence of 100
Ω or less for each input. The
source impedence should be matched for the differential
inputs. Poor matching will result in higher even order
harmonics, especially the second.
Input Drive Circuits
Figure 3 shows the LTC1743 being driven by an RF
transformer with a center tapped secondary. The second-
ary center tap is DC biased with VCM, setting the ADC input
signal at its optimum DC level. Figure 3 shows a 1:1 turns
ratio transformer. Other turns ratios can be used if the
source impedence seen by the ADC does not exceed
100
Ω for each ADC input. A disadvantage of using a
transformer is the loss of low frequency response. Most
small RF transformers have poor performance at frequen-
cies below 1MHz.
1:1
37
Ω
0.1
µF
ANALOG
INPUT
VCM
AIN
+
AIN
–
100
Ω
100
Ω
18pF
18pF
18pF
1743 F03
4.7
µF
37
Ω
LTC1743
Figure 3. Single-Ended to Differential
Conversion Using a Transformer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com