Electronic Components Datasheet Search
  English  ▼

X  

LTC1743 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1743
Description  12-Bit, 50Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1743 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1743 Datasheet HTML 14Page - Linear Technology LTC1743 Datasheet HTML 15Page - Linear Technology LTC1743 Datasheet HTML 16Page - Linear Technology LTC1743 Datasheet HTML 17Page - Linear Technology LTC1743 Datasheet HTML 18Page - Linear Technology LTC1743 Datasheet HTML 19Page - Linear Technology LTC1743 Datasheet HTML 20Page - Linear Technology LTC1743 Datasheet HTML 21Page - Linear Technology LTC1743 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LTC1743
1743f
LTC1743
1743 F09
OVDD
VDD
VDD
0.1
µF
43
Ω
TYPICAL
DATA
OUTPUT
OGND
OVDD
0.5V TO
VDD
PREDRIVER
LOGIC
DATA
FROM
LATCH
OE
Maximum and Minimum Encode Rates
The maximum encode rate for the LTC1743 is 50Msps. For
the ADC to operate properly the encode signal should have
a 50% (
±5%) duty cycle. Each half cycle must have at least
9.5ns for the ADC internal circuitry to have enough settling
time for proper operation. Achieving a precise 50% duty
cycle is easy with differential sinusoidal drive using a
transformer or using symmetric differential logic such as
PECL or LVDS. When using a single-ended encode signal
asymmetric rise and fall times can result in duty cycles that
are far from 50%.
At sample rates slower than 50Msps the duty cycle can
vary from 50% as long as each half cycle is at least 9.5ns.
The lower limit of the LTC1743 sample rate is determined
by the droop of the sample-and-hold circuits. The pipelined
architecture of this ADC relies on storing analog signals
on small valued capacitors. Junction leakage will dis-
charge the capacitors. The specified minimum operating
frequency for the LTC1743 is 1Msps.
DIGITAL OUTPUTS
Digital Output Buffers
Figure 9 shows an equivalent circuit for a single output
buffer. Each buffer is powered by OVDD and OGND, iso-
lated from the ADC power and ground. The additional
N-channel transistor in the output driver allows operation
down to low voltages. The internal resistor in series with
the output makes the output appear as 50
Ω to external
circuitry and may eliminate the need for external damping
resistors.
Output Loading
As with all high speed/high resolution converters the
digital output loading can affect the performance. The
digital outputs of the LTC1743 should drive a minimal
capacitive load to avoid possible interaction between the
digital outputs and sensitive input circuitry. The output
should be buffered with a device such as an ALVCH16373
CMOS latch. For full speed operation the capacitive load
should be kept under 10pF. A resistor in series with the
output may be used but is not required since the ADC has
a series resistor of 43
Ω on chip.
Lower OVDD voltages will also help reduce interference
from the digital outputs.
Format
The LTC1743 parallel digital output can be selected for
offset binary or 2’s complement format. The format is
selected with the MSBINV pin; high selects offset binary.
Overflow Bit
An overflow output bit indicates when the converter is
overranged or underranged. When OF outputs a logic high
the converter is either overranged or underranged.
APPLICATIO S I FOR ATIO
Figure 9. Equivalent Circuit for a Digital Output Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com