Electronic Components Datasheet Search
  English  ▼

X  

LTC1743 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1743
Description  12-Bit, 50Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1743 Datasheet(HTML) 5 Page - Linear Technology

  LTC1743 Datasheet HTML 1Page - Linear Technology LTC1743 Datasheet HTML 2Page - Linear Technology LTC1743 Datasheet HTML 3Page - Linear Technology LTC1743 Datasheet HTML 4Page - Linear Technology LTC1743 Datasheet HTML 5Page - Linear Technology LTC1743 Datasheet HTML 6Page - Linear Technology LTC1743 Datasheet HTML 7Page - Linear Technology LTC1743 Datasheet HTML 8Page - Linear Technology LTC1743 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC1743
1743f
TYPICAL PERFOR A CE CHARACTERISTICS
Nonaveraged, 8192 Point FFT,
Input Frequency = 2.5MHz, –1dB
2V Range
Typical INL
CODE
0
0
0.25
0.50
4096
1743 G01
–0.25
–0.50
–1.00
1024
2048
3072
–0.75
1.00
0.75
CODE
0
0
0.25
0.50
4096
1743 G02
–0.25
–0.50
–1.00
1024
2048
3072
–0.75
1.00
0.75
FREQUENCY (MHz)
0
–60
–40
–20
0
20
1743 G03
–80
–100
–70
–50
–30
–10
–90
–110
–120
5
10
15
25
Typical DNL
Nonaveraged, 8192 Point FFT,
Input Frequency = 20MHz, –1dB
2V Range
FREQUENCY (MHz)
0
–60
–40
–20
0
20
1743 G04
–80
–100
–70
–50
–30
–10
–90
–110
–120
5
10
15
25
Nonaveraged, 8192 Point FFT,
Input Frequency = 2.5MHz, –1dB
3.2V Range
FREQUENCY (MHz)
0
–60
–40
–20
0
20
1743 G05
–80
–100
–70
–50
–30
–10
–90
–110
–120
5
10
15
25
Nonaveraged, 8192 Point FFT,
Input Frequency = 20MHz, –1dB
3.2V Range
FREQUENCY (MHz)
0
–60
–40
–20
0
20
1743 G06
–80
–100
–70
–50
–30
–10
–90
–110
–120
5
10
15
25
Averaged, 8192 Point 2-Tone
FFT, Input Frequency = 2.5MHz
and 5.2MHz, 2V Range
FREQUENCY (MHz)
0
–60
–40
–20
0
20
1743 G07
–80
–100
–70
–50
–30
–10
–90
–110
–120
5
10
15
25
FREQUENCY (MHz)
0
–60
–40
–20
0
20
1743 G08
–80
–100
–70
–50
–30
–10
–90
–110
–120
5
10
15
25
FREQUENCY (MHz)
0
–60
–40
–20
0
20
1743 G09
–80
–100
–70
–50
–30
–10
–90
–110
–120
5
10
15
25
Averaged, 8192 Point 2-Tone
FFT, Input Frequency = 2.5MHz
and 5.2MHz, 3.2V Range
Averaged, 8192 Point FFT, Input
Frequency = 2.5MHz, –6dB,
2V Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com