Electronic Components Datasheet Search
  English  ▼

X  

LTC2905CDDB Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2905CDDB
Description  Precision Dual Supply Monitors with Pin-Selectable Thresholds
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2905CDDB Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2905CDDB Datasheet HTML 3Page - Linear Technology LTC2905CDDB Datasheet HTML 4Page - Linear Technology LTC2905CDDB Datasheet HTML 5Page - Linear Technology LTC2905CDDB Datasheet HTML 6Page - Linear Technology LTC2905CDDB Datasheet HTML 7Page - Linear Technology LTC2905CDDB Datasheet HTML 8Page - Linear Technology LTC2905CDDB Datasheet HTML 9Page - Linear Technology LTC2905CDDB Datasheet HTML 10Page - Linear Technology LTC2905CDDB Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC2904/LTC2905
7
sn29045 29045fs
PI FU CTIO S (TS8 Package/DDB8 Package)
V2 (Pin 1/Pin 4): Voltage Input 2. Input for V2 monitor.
Select from 3.3V, 2.5V, 1.8V, 1.5V, 1.2V or 1.0V. Refer to
Table 1 for details. The greater of V1, V2 is also the internal
supply voltage, VCC. Bypass this pin to ground with a 0.1µF
(or greater) capacitor.
RST (Pin 2/Pin 3): (LTC2904 Only) Reset Logic Output.
When all voltage inputs are above the reset threshold for
at least the programmed delay time, this pin pulls low. This
pin has a weak pull-up to VCC and may be pulled above VCC
using an external pull-up.
TMR (Pin 2/Pin 3): (LTC2905 Only) Reset Delay Time
Programming Pin. Attach an external capacitor (CTMR) to
GND to set a reset delay time of 9ms/nF. Leaving the pin
open generates a minimum delay of approximately 200µs.
A 22nF capacitor will generate a 200ms reset delay time.
RST (Pin 3/Pin 2): Inverted Reset Logic Output. Pulls low
when any voltage input is below the reset threshold and is
held low for programmed delay time after all voltage
inputs are above threshold. This pin has a weak pull-up
to VCC and may be pulled above VCC using an external
pull-up.
GND (Pin 4/Pin 1, Pin 9): Ground.
TOL (Pin 5/Pin 8): Three-state Input for Supply Tolerance
Selection (5%, 7.5% or 10%). See the Applications Infor-
mation section for tolerance selection chart (Table 2).
S1 (Pin 6/Pin 7): Voltage Threshold Select Three-State
Input. Connect to V1, GND or leave unconnected in open
state (See Table 1).
S2 (Pin 7/Pin 6): The Second Voltage Threshold Select
Three-State Input. Connect to V1, GND or leave uncon-
nected in open state (See Table 1).
V1 (Pin 8/Pin 5): Voltage Input 1. Input for V1 monitor.
Select from 5V, 3.3V, or 2.5V. See Table 1 for details. The
greater of V1, V2 is also the internal supply voltage, VCC.
Bypass this pin to ground with a 0.1µF (or greater)
capacitor.
200ms
RESET PULSE
GENERATOR
THREE-STATE DECODER
RESISTOR
NETWORK
POWER
DETECT
BAND GAP
REFERENCE
VCC
VCC
LTC2904
2904 BD
S1
TOL
S2
RST
RST
VCC
GND
V1
V2
6µA
6µA
BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com