Electronic Components Datasheet Search
  English  ▼

X  

LTC2905CDDB Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2905CDDB
Description  Precision Dual Supply Monitors with Pin-Selectable Thresholds
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2905CDDB Datasheet(HTML) 5 Page - Linear Technology

  LTC2905CDDB Datasheet HTML 1Page - Linear Technology LTC2905CDDB Datasheet HTML 2Page - Linear Technology LTC2905CDDB Datasheet HTML 3Page - Linear Technology LTC2905CDDB Datasheet HTML 4Page - Linear Technology LTC2905CDDB Datasheet HTML 5Page - Linear Technology LTC2905CDDB Datasheet HTML 6Page - Linear Technology LTC2905CDDB Datasheet HTML 7Page - Linear Technology LTC2905CDDB Datasheet HTML 8Page - Linear Technology LTC2905CDDB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC2904/LTC2905
5
sn29045 29045fs
TEMPERATURE (°C)
29045 G10
20.0
19.5
19.0
18.5
18.0
17.5
17.0
COMPARATOR OVERDRIVE VOLTAGE (% OF VRTX)
0.1
700
600
500
400
300
200
100
0
1
10
100
29045 G11
RESET OCCURS
ABOVE CURVE
CTMR (FARAD)
10p
100p
1n
10n
100n
1µ
29045 G12
10000
1000
100
10
1
0.1
TEMPERATURE (°C)
29045 G13
235
230
225
220
215
210
205
200
195
V1 (V)
0
5
4
3
2
1
0
–1
123
4
29045 G14
5
V2 = S1 = S2 = TOL = V1
10k PULL-UP RESISTOR
V1 (V)
0
5
4
3
2
1
0
–1
123
4
29045 G15
5
V2 = S1 = S2 = TOL = V1
10k PULL-UP RESISTOR
SUPPLY VOLTAGE, VCC (V)
0
5
4
3
2
1
0
4
29045 G17
123
5
RST AT 150mV
RST AT 50mV
V1 (V)
0
5
4
3
2
1
0
–1
123
4
29045 G16
5
V2 = S1 = S2 = TOL = V1
10pF CAPACITOR AT RST
SUPPLY VOLTAGE, VCC (V)
0
5
4
3
2
1
0
4
29045 G18
123
5
RST AT 150mV
RST AT 50mV
S1 = V2 = V1
TOL = S2 = GND
NO PULL-UP R
V2 = S1 = S2 = TOL = V1
NO PULL-UP R
–50
100
25
75
–25
0
50
–50
100
25
75
–25
0
50
CRT = 22nF
(FILM)
V1 = 2.5V
V2 = 3.3V
S1 = S2 = TOL = 1.4V
TYPICAL PERFOR A CE CHARACTERISTICS
IV2 vs Temperature
Typical Transient Duration vs
Comparator Overdrive (V1, V2)
Reset Time Out Period (tRST)
vs Capacitance (CTMR)
Reset Time-Out Period (tRST)
vs Temperature
RST Output Voltage vs V1
RST Output Voltage vs V1
RST Output Voltage vs V1
RST Pull-Down Current (IRST)
vs Supply Voltage (VCC)
RST Pull-Down Current (IRST)
vs Supply Voltage (VCC)
Specifications are at TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com