Electronic Components Datasheet Search
  English  ▼

X  

LTC2905CDDB Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2905CDDB
Description  Precision Dual Supply Monitors with Pin-Selectable Thresholds
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2905CDDB Datasheet(HTML) 1 Page - Linear Technology

  LTC2905CDDB Datasheet HTML 1Page - Linear Technology LTC2905CDDB Datasheet HTML 2Page - Linear Technology LTC2905CDDB Datasheet HTML 3Page - Linear Technology LTC2905CDDB Datasheet HTML 4Page - Linear Technology LTC2905CDDB Datasheet HTML 5Page - Linear Technology LTC2905CDDB Datasheet HTML 6Page - Linear Technology LTC2905CDDB Datasheet HTML 7Page - Linear Technology LTC2905CDDB Datasheet HTML 8Page - Linear Technology LTC2905CDDB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC2904/LTC2905
1
sn29045 29045fs
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
■ Monitors Two Inputs Simultaneously
■
Nine Threshold Combinations
■ Three Supply Tolerances (5%, 7.5%, 10%)
■ Guaranteed Threshold Accuracy: ±1.5% of
Monitored Voltage Over Temperature
■ Internal VCC Auto Select
■ Power Supply Glitch Immunity
■
200ms Reset Time Delay (LTC2904 Only)
■ Adjustable Reset Time Delay (LTC2905 Only)
■ Open Drain RST Output
■
Guaranteed RST for V1 ≥ 1V or V2 ≥ 1V
■ Low Profile (1mm) SOT-23 (ThinSOT
TM) and Plastic
(3mm x 2mm) DFN Packages
■ Desktop and Notebook Computers
■
Handheld Devices
■ Network Servers
■ Core, I/O Monitor
Precision Dual Supply Monitors
with Pin-Selectable Thresholds
The LTC
®2904/LTC2905 are dual supply monitors in-
tended for systems with two supply voltages. The dual
supply monitors have a common reset output with delay
(200ms for the LTC2904 and adjustable using an external
capacitor for the LTC2905). This product provides a
precise, space-conscious and micropower solution for
supply monitoring.
The LTC2904/LTC2905 feature a tight 1.5% threshold
accuracy over the whole operating temperature range,
and glitch immunity to ensure reliable reset operation
without false triggering. The open drain RST output is
guaranteed to be in the correct state for inputs down to 1V.
The LTC2904/LTC2905 also feature three programming
input pins, which program the threshold and tolerance
level without requiring any external components. These
three programming pins provide a total of 27 different
voltage level and tolerance combinations, eliminating
the need to have different parts for development and
implementation of different systems with different voltage
levels requiring monitoring function.
, LTC and LT are registered trademarks of Linear Technology Corporation.
V1
S1
S2
TOL
V2
TMR
GND
RST
LTC2905
22nF
0.1µF
0.1µF
DC/DC
CONVERTER
SYSTEM
LOGIC
29045 TA01
3.3V
5V
5V, 3.3V Dual Supply Monitor with 5% Tolerance
Table 1. Voltage Threshold Programming
V1
V2
S1
S2
5.0
3.3
V1
V1
3.3
2.5
Open
GND
3.3
1.8
V1
Open
3.3
1.5
Open
V1
3.3
1.2
Open
Open
2.5
1.8
GND
GND
2.5
1.5
GND
Open
2.5
1.2
GND
V1
2.5
1.0
V1
GND
APPLICATIO S
ThinSOT is a trademark of Linear Technology Corporation.


Similar Part No. - LTC2905CDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2905CDDBTRMPBF LINER-LTC2905CDDBTRMPBF Datasheet
157Kb / 16P
Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2905CDDBTRPBF LINER-LTC2905CDDBTRPBF Datasheet
157Kb / 16P
Precision Dual Supply Monitors with Pin-Selectable Thresholds
More results

Similar Description - LTC2905CDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2906 LINER-LTC2906 Datasheet
191Kb / 16P
Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
LTC2915 LINER-LTC2915 Datasheet
143Kb / 12P
Voltage Supervisor with 27 Selectable Thresholds
LTC2904 LINER-LTC2904_09 Datasheet
157Kb / 16P
Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC1326IMS8-PBF LINER-LTC1326IMS8-PBF Datasheet
212Kb / 16P
Micropower Precision Triple Supply Monitors
LTC2904 LINER-LTC2904_15 Datasheet
161Kb / 16P
Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2905 LINER-LTC2905_15 Datasheet
161Kb / 16P
Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2906 LINER-LTC2906_15 Datasheet
204Kb / 16P
Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
LTC2907 LINER-LTC2907_15 Datasheet
204Kb / 16P
Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
LTC2915 LINER-LTC2915_15 Datasheet
150Kb / 12P
Voltage Supervisor with 27 Selectable Thresholds
LTC2916 LINER-LTC2916_15 Datasheet
150Kb / 12P
Voltage Supervisor with 27 Selectable Thresholds
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com