Electronic Components Datasheet Search
  English  ▼

X  

LTC2905CDDB Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2905CDDB
Description  Precision Dual Supply Monitors with Pin-Selectable Thresholds
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2905CDDB Datasheet(HTML) 4 Page - Linear Technology

  LTC2905CDDB Datasheet HTML 1Page - Linear Technology LTC2905CDDB Datasheet HTML 2Page - Linear Technology LTC2905CDDB Datasheet HTML 3Page - Linear Technology LTC2905CDDB Datasheet HTML 4Page - Linear Technology LTC2905CDDB Datasheet HTML 5Page - Linear Technology LTC2905CDDB Datasheet HTML 6Page - Linear Technology LTC2905CDDB Datasheet HTML 7Page - Linear Technology LTC2905CDDB Datasheet HTML 8Page - Linear Technology LTC2905CDDB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC2904/LTC2905
4
sn29045 29045fs
TEMPERATURE (°C)
29045 G01
TEMPERATURE (°C)
TEMPERATURE (°C)
TEMPERATURE (°C)
TEMPERATURE (°C)
TEMPERATURE (°C)
TEMPERATURE (°C)
TEMPERATURE (°C)
TEMPERATURE (°C)
3.120
3.070
3.020
2.970
2.920
2.870
29045 G02
29045 G03
2.375
2.325
2.275
2.225
2.175
29045 G04
1.705
1.685
1.665
1.645
1.625
1.605
1.585
1.565
29045 G05
1.425
1.405
1.385
1.365
1.345
1.325
1.305
1.135
1.125
1.115
1.105
1.095
1.085
1.075
1.065
1.055
1.045
29045 G06
29045 G07
0.950
0.940
0.930
0.920
0.910
0.900
0.890
0.880
0.870
4.75
4.70
4.65
4.60
4.55
4.50
4.45
4.40
4.35
21.5
21.0
20.5
20.0
19.5
19.0
29045 G08
29045 G09
1.8
1.7
1.6
1.5
1.4
1.3
1.2
–50
100
25
75
–25
0
50
–50
100
25
75
–25
0
50
–50
100
25
75
–25
0
50
–50
100
25
75
–25
0
50
–50
100
25
75
–25
0
50
–50
100
25
75
–25
0
50
–50
100
25
75
–25
0
50
–50
100
25
75
–25
0
50
–50
100
25
75
–25
0
50
5%
7.5%
10%
5%
7.5%
10%
5%
7.5%
10%
5%
7.5%
10%
5%
7.5%
10%
5%
7.5%
10%
5%
7.5%
10%
V1 = 5V
V2 = 3.3V
S1 = S2 = TOL = 1.4V
V1 = 5V
V2 = 3.3V
S1 = S2 = TOL = 1.4V
5V Threshold Voltage vs
Temperature
3.3V Threshold Voltage vs
Temperature
2.5V Threshold Voltage vs
Temperature
1.8V Threshold Voltage vs
Temperature
1.5V Threshold Voltage vs
Temperature
1.2V Threshold Voltage vs
Temperature
1V Threshold Voltage vs
Temperature
IV1 vs Temperature
IV2 vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
Specifications are at TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com