Electronic Components Datasheet Search
  English  ▼

X  

AD8436 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8436
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8436 Datasheet(HTML) 4 Page - Analog Devices

  AD8436 Datasheet HTML 1Page - Analog Devices AD8436 Datasheet HTML 2Page - Analog Devices AD8436 Datasheet HTML 3Page - Analog Devices AD8436 Datasheet HTML 4Page - Analog Devices AD8436 Datasheet HTML 5Page - Analog Devices AD8436 Datasheet HTML 6Page - Analog Devices AD8436 Datasheet HTML 7Page - Analog Devices AD8436 Datasheet HTML 8Page - Analog Devices AD8436 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AD8436
Data Sheet
Rev. E | Page 4 of 21
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Voltage
Supply Voltage
±18 V
Input Voltage Range1
VEE − 0.3 V to VCC + 0.3 V
Differential Input
VCC and VEE
Current
Input Current1
±10 mA
Output Short-Circuit Duration
Indefinite
Power Dissipation
CP-20-8 LFCSP Without Thermal Pad
1.2 W
CP-20-8 LFCSP With Thermal Pad
2.1 W
RQ Package
1.1 W
Temperature
Operating Range
−40°C to +125°C
Storage Range
−65°C to +125°C
Lead Soldering (60 sec)
300°C
θJA2
CP-20-8 LFCSP Without Thermal Pad
86°C/W
CP-20-8 LFCSP With Thermal Pad
48°C/W
RQ-20 Package
95°C/W
ESD Rating
2 kV
1 Input pins have clamp diodes to the power supply pins. Limit input current
to 10 mA or less whenever input signals exceed the power supply rail by 0.3 V.
2 θJA is specified for the worst-case conditions, that is, a device soldered in a circuit
board for surface-mount packages.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com