Electronic Components Datasheet Search
  English  ▼

X  

AD8436 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8436
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8436 Datasheet(HTML) 5 Page - Analog Devices

  AD8436 Datasheet HTML 1Page - Analog Devices AD8436 Datasheet HTML 2Page - Analog Devices AD8436 Datasheet HTML 3Page - Analog Devices AD8436 Datasheet HTML 4Page - Analog Devices AD8436 Datasheet HTML 5Page - Analog Devices AD8436 Datasheet HTML 6Page - Analog Devices AD8436 Datasheet HTML 7Page - Analog Devices AD8436 Datasheet HTML 8Page - Analog Devices AD8436 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Data Sheet
AD8436
Rev. E | Page 5 of 21
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
16
20
15
10
6
AD8436
TOP VIEW
(Not to Scale)
11
PIN 1
INDICATOR
VEE
CAVG
VCC
OBUFOUT
IGND
OBUFIN+
OBUFIN–
OBUFV+
OUT
DNC
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PAD CONNECTION IS OPTIONAL.
IBUFGN
DNC
IBUFOUT
IBUFIN+
SUM
IBUFV+
RMS
CCF
OGND
IBUFIN–
1
5
Figure 3. Pin Configuration, Top View, CP-20-8
Table 3. Pin Function Descriptions, CP-20-8
Pin No.
Mnemonic
Description
1
DNC
Do Not Connect. Used for factory test.
2
RMS
AC Input to the RMS Core.
3
IBUFOUT
FET Input Buffer Output Pin.
4
IBUFIN−
FET Input Buffer Inverting Input Pin.
5
IBUFIN+
FET Input Buffer Noninverting Input Pin.
6
IBUFGN
Optional 10 kΩ Precision Gain Resistor.
7
DNC
Do Not Connect. Used for factory test.
8
OGND
Internal 16 kΩ I-to-V Resistor.
9
OUT
RMS Core Voltage or Current Output.
10
VEE
Negative Supply Rail.
11
IGND
Half Supply Node.
12
OBUFIN+
Output Buffer Noninverting Input Pin.
13
OBUFIN−
Output Buffer Inverting Input Pin.
14
OBUFOUT
Output Buffer Output Pin.
15
OBUFV+
Power Pin for the Output Buffer.
16
IBUFV+
Power Pin for the Input Buffer.
17
VCC
Positive Supply Rail for the RMS Core.
18
CCF
Connection for Crest Factor Capacitor.
19
CAVG
Connection for Averaging Capacitor.
20
SUM
Summing Amplifier Input Pin.
EP
DNC
Exposed Pad Connection to Ground
Pad Optional.
NOTES
1. DNC = DO NOT CONNECT.
DO NOT CONNECT TO THIS PIN.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DNC
RMS
IBUFOUT
IBUFGN
IBUFIN+
IBUFIN–
SUM
CCF
VCC
IBUFV+
OBUFIN–
OBUFOUT
OBUFV+
OUT
OGND
DNC
VEE
IGND
OBUFIN+
CAVG
TOP VIEW
(Not to Scale)
AD8436
Figure 4. Pin Configuration, RQ-20
Table 4. Pin Function Descriptions, RQ-20
Pin No.
Mnemonic
Description
1
SUM
Summing Amplifier Input Pin.
2
DNC
Do Not Connect. Used for factory test.
3
RMS
AC Input to the RMS Core.
4
IBUFOUT
FET Input Buffer Output Pin.
5
IBUFIN−
FET Input Buffer Inverting Input Pin.
6
IBUFIN+
FET Input Buffer Noninverting Input Pin.
7
IBUFGN
Optional 10 kΩ Precision Gain Resistor.
8
DNC
Do Not Connect. Used for factory test.
9
OGND
Internal 16 kΩ I-to-V Resistor.
10
OUT
RMS Core Voltage or Current Output.
11
VEE
Negative Supply Rail.
12
IGND
Half Supply Node.
13
OBUFIN+
Output Buffer Noninverting Input Pin.
14
OBUFIN−
Output Buffer Inverting Input Pin.
15
OBUFOUT
Output Buffer Output Pin.
16
OBUFV+
Power Pin for the Output Buffer.
17
IBUFV+
Power Pin for the Input Buffer.
18
VCC
Positive Supply Rail for the RMS Core.
19
CCF
Connection for Crest Factor Capacitor.
20
CAVG
Connection for Averaging Capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com