Electronic Components Datasheet Search
  English  ▼

X  

AD8436 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8436
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8436 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8436 Datasheet HTML 13Page - Analog Devices AD8436 Datasheet HTML 14Page - Analog Devices AD8436 Datasheet HTML 15Page - Analog Devices AD8436 Datasheet HTML 16Page - Analog Devices AD8436 Datasheet HTML 17Page - Analog Devices AD8436 Datasheet HTML 18Page - Analog Devices AD8436 Datasheet HTML 19Page - Analog Devices AD8436 Datasheet HTML 20Page - Analog Devices AD8436 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Data Sheet
AD8436
Rev. E | Page 19 of 21
Figure 47. Photograph of the AD8436-EVALZ
TSUM
TACIN
VCC
VEE
GND5
GND4
GND3
GND2
DC
OUT
TIBUFOUT
TIBFIN+
VEE
CAVG
VCC
OBUFOUT
IGND
OBUFIN+
OBUFIN–
OBUFV+
OUT
DNC
IBUFIN–
IBUFOUT
IBUFIN+
SUM
IBUFV+
1
4
3
2
5
8
7
69
12
11
10
16
15
14
13
TCAVG
CORE
BUF
CORE
BUF
TOBFOUT
GND1
+
TDCOUT
GND6
SDCOUT
CIN
10µF
DC
AC
TRMSIN
TIBFIN–
TOGND
TOUT
TIGND
TOBUFIN+
TOBUFIN−
TOBUFV+
TIBUFV+
EN
EN
DIS
IBUF_VCC
DIS
TBUFGN
OGND
BUF
GAIN
CCF
+
VEE
+
19
18
17
20
INCOUP
DNC
RMS
TCCF
AD8436
+
C13
10µF
50V
–40°C TO +125°C
C61
2.2µF
C71
1.5µF
C33
0.1µF
CAVG
10µF
CCF
0.1µF
X8R
C4
0.1µF
CLPF
3.3µF
C5
0.47µF
R31
8.06kΩ
R41
0Ω
R8
0Ω
R72
0Ω
R63
0Ω
R2
0Ω
R54
0Ω
R1
10MΩ
RFBL5
DNI
RFBH4
0Ω
C2
10µF
50V
–40°C TO
+125°C
–V3
(GRN)
+V
(RED)
OBUF_VCC
CORE_BUF
AC_IN
1OPTIONAL COMPONENTS TO CONFIGURE IBUFOUT AS A FILTER.
2REMOVE R7 FOR CORE-ONLY TESTS.
3FOR SINGLE SUPPLY OPERATION, REMOVE R6, SHORT OR REPLACE C3 WITH A 0Ω RESISTOR AND CONNECT THE SUPPLY GROUND OR RETURN TO
THE GREEN TEST LOOP –V.
4TO CONFIGURE THE FET INPUT BUFFER FOR GAIN OF 2, INSTALL 0Ω RESISTOR AT R5 AND REMOVE RFBH.
5RFBL IS USED TO CONFIGURE THE INPUT BUFFER FOR GAIN VALUES >2×.
Figure 48. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com