Electronic Components Datasheet Search
  English  ▼

X  

AD8436 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8436
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8436 Datasheet(HTML) 1 Page - Analog Devices

  AD8436 Datasheet HTML 1Page - Analog Devices AD8436 Datasheet HTML 2Page - Analog Devices AD8436 Datasheet HTML 3Page - Analog Devices AD8436 Datasheet HTML 4Page - Analog Devices AD8436 Datasheet HTML 5Page - Analog Devices AD8436 Datasheet HTML 6Page - Analog Devices AD8436 Datasheet HTML 7Page - Analog Devices AD8436 Datasheet HTML 8Page - Analog Devices AD8436 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Low Cost, Low Power,
True RMS-to-DC Converter
Data Sheet
AD8436
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Delivers true rms or average rectified value of ac waveform
Fast settling at all input levels
Accuracy: ±10 μV ± 0.25% of reading (B grade)
Wide dynamic input range
100 μV rms to 3 V rms (8.5 V p-p) full-scale input range
Larger inputs with external scaling
Wide bandwidth:
1 MHz for −3 dB (300 mV)
65 kHz for additional 1% error
Zero converter dc output offset
No residual switching products
Specified at 300 mV rms input
Accurate conversion with crest factors up to 10
Low power: 300
µA typical at ±2.4 V
High-Z FET separately powered input buffer
RIN ≥ 1012 Ω, CIN ≤ 2 pF
Precision dc output buffer
Wide power supply voltage range
Dual: ±2.4 V to ±18 V; single: 4.8 V to 36 V
4 mm × 4 mm LFCSP and 8 mm × 6 mm QSOP packages
ESD protected
FUNCTIONAL BLOCK DIAGRAM
VEE
CAVG
VCC
IGND
OUT
IBUFGN
RMS
IBUFOUT
IBUFIN+
SUM
8kΩ
100kΩ
16kΩ
100kΩ
OGND
10kΩ
10kΩ
FET OP AMP
10pF
IBUFIN–
OBUFOUT
OBUFIN+
OBUFIN–
16kΩ
DC BUFFER
AD8436
–
+
RMS CORE
–
+
CCF
Figure 1.
GENERAL DESCRIPTION
The AD8436 is a new generation, translinear precision, low
power, true rms-to-dc converter loaded with options. It computes a
precise dc equivalent of the rms value of ac waveforms, including
complex patterns such as those generated by switch mode power
supplies and triacs. Its accuracy spans a wide range of input levels
(see Figure 2) and temperatures. The ensured accuracy of ≤±0.5%
and ≤10 μV output offset result from the latest Analog Devices,
Inc., technology. The crest factor error is <0.5% for CF values
between 1 and 10.
The AD8436 delivers true rms results at less cost than misleading
peak, averaging, or digital solutions. There is no programming
expense or processor overhead to consider, and the 4 mm  4 mm
package easily fits into tight applications. On-board buffer
amplifiers enable the widest range of options for any rms-to-dc
converter available, regardless of cost. For minimal applications,
only a single external averaging capacitor is required. The built-in
high impedance FET buffer provides an interface for external
attenuators, frequency compensation, or driving low impedance
loads. A matched pair of internal resistors enables an easily
configurable gain-of-two or more, extending the usable input
range even lower. The low power, precision input buffer makes
the AD8436 attractive for use in portable multi-meters and
other battery-powered applications.
The precision dc output buffer minimizes errors when driving
low impedance loads with extremely low offset voltages, thanks
to internal bias current cancellation. Unlike digital solutions, the
AD8436 has no switching circuitry limiting performance at high or
low amplitudes (see Figure 2). A usable response of <100 μV
and >3 V extends the dynamic range with no external scaling,
accommodating demanding low level signal conditions and
allowing ample overrange without clipping.
1mV
10mV
1V
100mV
AD8436
GREATER INPUT DYNAMIC RANGE
100µV
3V
∆Σ SOLUTION
Figure 2. Usable Dynamic Range of the AD8436 vs. ΔΣ
The AD8436 operates from single or dual supplies of ±2.4 V
(4.8 V) to ±18 V (36 V). A and J grades are available in a compact
4 mm × 4 mm, 20-lead chip-scale package; A and B grades are
available in a 20-lead QSOP package. The operating temperature
ranges are −40°C to 125°C for A and B grades and 0°C to 70°C
for J grade.


Similar Part No. - AD8436

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8436 AD-AD8436 Datasheet
760Kb / 20P
Low Cost, Low Power
REV. 0
AD8436-EVALZ AD-AD8436-EVALZ Datasheet
760Kb / 20P
Low Cost, Low Power
REV. 0
AD8436-EVALZ AD-AD8436-EVALZ Datasheet
747Kb / 24P
Low Cost, Low Power, True RMS-to-DC Converter
REV. B
AD8436ACPZ-R7 AD-AD8436ACPZ-R7 Datasheet
760Kb / 20P
Low Cost, Low Power
REV. 0
AD8436ACPZ-R7 AD-AD8436ACPZ-R7 Datasheet
747Kb / 24P
Low Cost, Low Power, True RMS-to-DC Converter
REV. B
More results

Similar Description - AD8436

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
Low Level, True RMS-to-DC Converter
REV.B
AD736 AD-AD736 Datasheet
218Kb / 8P
Low Cost, Low Power, True RMS-to-DC Converter
REV.C
AD737 AD-AD737 Datasheet
149Kb / 8P
Low Cost, Low Power, True RMS-to-DC Converter
REV.C
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD736 AD-AD736_12 Datasheet
480Kb / 20P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_12 Datasheet
499Kb / 24P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD8436 AD-AD8436_13 Datasheet
747Kb / 24P
Low Cost, Low Power, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
Low Level, True RMS-to-DC Converter
Rev. E
AD736 AD-AD736_15 Datasheet
480Kb / 20P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_15 Datasheet
499Kb / 24P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com