Electronic Components Datasheet Search
  English  ▼

X  

SSM2212 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2212
Description  Audio, Dual-Matched NPN Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2212 Datasheet(HTML) 4 Page - Analog Devices

  SSM2212 Datasheet HTML 1Page - Analog Devices SSM2212 Datasheet HTML 2Page - Analog Devices SSM2212 Datasheet HTML 3Page - Analog Devices SSM2212 Datasheet HTML 4Page - Analog Devices SSM2212 Datasheet HTML 5Page - Analog Devices SSM2212 Datasheet HTML 6Page - Analog Devices SSM2212 Datasheet HTML 7Page - Analog Devices SSM2212 Datasheet HTML 8Page - Analog Devices SSM2212 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SSM2212
Data Sheet
Rev. C | Page 4 of 12
ELECTRICAL CHARACTERISTICS—LFCSP PACKAGE
VCB = 15 V, IO = 100 µA, TA = 25°C, unless otherwise specified.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DC AND AC CHARACTERISTICS
Current Gain1
hFE
IC = 1 mA, VCB = 15 V
300
1800
2400
IC = 1 mA, VCB = 0 V
200
1300
2200
IC = 100 µA, VCB = 15 V
350
2100
2500
IC = 100 µA, VCB = 0 V
250
1500
2300
Current Gain Match2
ΔhFE
100 µA ≤ IC ≤ 1 mA
0.5
5
%
Noise Voltage Density3
eN
IC = 1 mA, VCB = 0 V
fO = 10 Hz
1.6
2
nV/√Hz
fO = 100 Hz
0.9
1
nV/√Hz
fO = 1 kHz
0.85
1
nV/√Hz
fO = 10 kHz
0.85
1
nV/√Hz
Low Frequency Noise (0.1 Hz to 10 Hz)
eN p-p
IC = 1 mA
0.4
µV p-p
Offset Voltage
VOS
VCB = 0 V, IC = 1 mA
25
250
µV
VCB = 0 V, IC = 100 µA
10
250
µV
Gain Bandwidth Product
fT
IC = 10 mA, VCE = 10 V
200
MHz
Input Bias Current
IB
IC = 100 µA
200
nA
Input Offset Current
IOS
IC = 100 µA
10
nA
Output Capacitance
COB
VCB = 15 V, IE = 0 µA
23
pF
Collector-to-Collector Capacitance
CCC
VCC = 0 V
35
pF
1
Current gain is guaranteed with collector-to-base voltage (VCB) swept from 0 V to VMAX at the indicated collector currents.
2
Current gain match (ΔhFE) is defined as follows: ΔhFE = (100(ΔIB)(hFE min)/IC).
3
Noise voltage density is guaranteed, but not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com